Electronic Components Datasheet Search
  English  ▼

X  

PSS58 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # PSS58
Description  Singleturn absolute encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PSS58 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  PSS58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 6Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 7Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 8Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PSS58
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Singleturn absolute encoder
2
Principle of data transmission
Parameter table encoder classes P+F 2.1 and P+F 2.2
Function Principle
Parameterization
Octet number (Byte)
Parameter
Bit number
1...8
PROFIBUS standard parameters
9
Direction of rotation
0
Class 2 functionality
1
Commissioning Diagnostics
2
Scaling function
3
Reserved
4
Reserved
5
Activate manufacturer specific parameters (Octet 26)
6
Reserved
7
10 ... 13
Desired measuring steps (reference: Octet 26, Bit 0 and 1)
14 ... 17
Overall resolution
18 ... 25
Reserved
26
Reference for desired measuring steps
0
1
Activate commissioning mode
2
Reduced diagnosis
3
Reserved
4
Activate lower software limit switch
5
Activate upper software limit switch
6
ALED-indicators
LED red
LED green
Meaning
off
off
No voltage supply
on
on
Encoder ready, no configuration data received.
possible reasons:
- wrong address adjusted
- wrong bus wiring
on
flashing
Parameterising or configuration error. Encoder receives data of incorrect length or inconsistant data.
possible reason:
- adjusted encoder resolution exceeds
flashing
on
Encoder ready, no communication with master (i.e. wrong address setting)
on
off
Data timeout (> 40 s). (i.e. data lines interrupted)
off
on
Normal operation, Data Exchange Mode
off
flashing
Installation Mode in Data Exchange Mode.
Encoder
GSD file
Data base
Control
Definition of device class
enter parameter
Parameter ("DDLM_Set_Prm")
onetime at start up
Software
cyclical data interchange
(e. g. position value)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com