Electronic Components Datasheet Search
  English  ▼

X  

PSS58 Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # PSS58
Description  Singleturn absolute encoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PSS58 Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  PSS58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 6Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 7Page - Pepperl+Fuchs Inc. PSS58 Datasheet HTML 8Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PSS58
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Singleturn absolute encoder
Installation instructions
Anti-interference measures
The use of highly sophisticated microelectronics requires a consistently implemented anti-interference and wiring concept. This
becomes all the more important the more compact the constructions are and the higher the demands are on the performance of
modern machines.
Activation of the parameters from Octet 27
7
27 ... 30
Lower limit switch
31 ... 34
Upper limit switch
35 ... 38
Physical measuring steps
39
Reserved
0
Rotary encoder type (singleturn or multiturn)
1
Reserved
2
Reserved
3
Selection of the unit for speed transfer
4
5
Reserved
6
Reserved
7
Type Code
PSS 5 8
–
R 0 B N –
0 0
Number of bits singleturn
13
8192 (standard)
16
65536
Temperature
N
not expanded
Output code
B
Binary
Option
0
no option
Exit position
R
radial
Connection type
AG
removable housing cover with terminal compartment
AZ
removable housing cover with M12 connectors
Shaft dimension/flange version
F1A
Recessed hollow shaft Ø10 mm x 30 mm
F2A
Recessed hollow shaft Ø12 mm x 30 mm
F3A
Recessed hollow shaft Ø15 mm x 30 mm
Housing material
N
Aluminium, powder coated
I
Inox
W
Aluminium, powder coated with shaft seal
Principle of operation
S
Singleturn
Shaft version
S
Recessed hollow shaft
Data format
P
PROFIBUS
Additional Information
The connecting hoods of the former rotary encoder generation do no longer fit for the new PROFIBUS rotary
encoders, as the dimensions have been changed. Please use nothing but the connecting hoods with error and
status indication.
Note



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com