Electronic Components Datasheet Search
  English  ▼

X  

ICS853111B Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853111B
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111B Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853111B Datasheet HTML 1Page - Integrated Circuit Systems ICS853111B Datasheet HTML 2Page - Integrated Circuit Systems ICS853111B Datasheet HTML 3Page - Integrated Circuit Systems ICS853111B Datasheet HTML 4Page - Integrated Circuit Systems ICS853111B Datasheet HTML 5Page - Integrated Circuit Systems ICS853111B Datasheet HTML 6Page - Integrated Circuit Systems ICS853111B Datasheet HTML 7Page - Integrated Circuit Systems ICS853111B Datasheet HTML 8Page - Integrated Circuit Systems ICS853111B Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
853111BY
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
1
Integrated
Circuit
Systems, Inc.
ICS853111B
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
32-Lead TQFP, E-PAD
7mm x 7mm x 1.0mm package body
Y Package
Top View
GENERAL DESCRIPTION
The ICS853111B is a low skew, high perfor-
mance 1-to-10 Differential-to-2.5V/3.3V LVPECL/
ECL Fanout Buffer and a member of the
HiPerClockS™family of High Performance
Clock Solutions from ICS. The ICS853111B
is characterized to operate from either a 2.5V or a 3.3V
power supply. Guaranteed output and part-to-part skew
characteristics make the ICS853111B ideal for those
clock distribution applications demanding well defined
performance and repeatability.
FEATURES
• 10 differential 2.5V/3.3V LVPECL / ECL outputs
• 2 selectable differential input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: >3GHz
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nPCLK input
• Output skew: 20ps (typical)
• Part-to-part skew: 85ps (typical)
• Propagation delay: 495ps (typical)
• Jitter, RMS: < 0.03ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
24 23 22 21 20 19 18 17
1 2 3 4 5 6
7 8
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
VCCO
Q7
nQ7
Q8
nQ8
Q9
nQ9
VCCO
VCCO
nQ2
Q2
nQ1
Q1
nQ0
Q0
VCCO
ICS853111B
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
Q9
nQ9
PCLK0
nPCLK0
0
1
PCLK1
nPCLK1
CLK_SEL
V
BB


Similar Part No. - ICS853111B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BY IDT-ICS853111BY Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BYLF IDT-ICS853111BYLF Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BYLFT IDT-ICS853111BYLFT Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111BYT IDT-ICS853111BYT Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853111B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85310I-01 ICST-ICS85310I-01 Datasheet
175Kb / 15P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. E JULY 7, 2005
ICS853111-02 ICST-ICS853111-02 Datasheet
207Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A JANUARY 10, 2006
ICS853111 ICST-ICS853111 Datasheet
138Kb / 13P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. D JULY 22, 2003
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
853S111B IDT-853S111B_16 Datasheet
451Kb / 25P
Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com