Electronic Components Datasheet Search
  English  ▼

X  

2RB-5 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2RB-5
Description  Gas Discharge Tube
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2RB-5 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2RB-5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Part Number
DC
Spark-over
Voltage
1) 2)
@100V/S
Impulse
Spark-over
Voltage
Insulation
Resistance
3)
Capacitance
@1MHz
Life Ratings
Impulse Discharge
Current
@8/20
μS
AC Discharge
Current
@50Hz 1S
Impulse Life
@10/1000
μS
100A
100V/
μS 1KV/μS
Max
Max
Min
Max
Nominal
±5 times
Max
1 time
Nominal
5 times
Min
DIP
SMD
V
V
V
G
Ω
pF
KA
KA
A
Times
2R075TB-5
2R075SB-5
75
±20%
500
600
1
1
5
10
300
2R090TB-5
2R090SB-5
90
±20%
500
600
1
1
5
10
300
2R150TB-5
2R150SB-5
150
±20%
500
600
1
1
5
10
300
2R230TB-5
2R230SB-5
230
±20%
600
700
1
1
5
10
300
2R250TB-5
2R250SB-5
250
±20%
600
700
1
1
5
10
300
2R300TB-5
2R300SB-5
300
±20%
750
850
1
1
5
10
300
2R350TB-5
2R350SB-5
350
±20%
800
900
1
1
5
10
300
2R420TB-5
2R420SB-5
420
±20%
850
950
1
1
5
10
300
2R470TB-5
2R470SB-5
470
±20%
900
1000
1
1
5
10
300
2R600TB-5
2R600SB-5
600
±20%
1000
1200
1
1
5
10
300
Glow Voltage at 10mA........................................................................
~60V
Arc Voltage at 1A...............................................................................
~10V
Glow to Arc transition Current
………………………………………......
~0.5A
Weight
…………………………………………………………………......
~0.82g
Operation and storage temperature
…………………………………….
-40~90
°C
Climatic category (IEC 60068-1)
………………………………………..
40/090/21
Surface treatment
……………………………………………………......
DIP
-Nickel Plated
SMD
-Matte-tin plated
1) At delivery AQL 0.65 level II, DIN ISO 2859
2) In ionized mode
3) Insulation Resistance Measuring Voltage:
75V at DC 25V
90V~150V at DC 50V
Other at DC 100V
Terms in accordance with ITU-T Rec. K.12, IEC 61643-311, GB/T 9043.
2RB-5 Series
Rev :
www.leiditech.com
01.06.2015
2/5
10
10
10
10
10
10
10
10
10
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com