Electronic Components Datasheet Search
  English  ▼

X  

2RB-5 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2RB-5
Description  Gas Discharge Tube
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2RB-5 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2RB-5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2RB-5 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
GDT is placed in front of, and in parallel with, sensitive telecom
equipment such as power lines, communication lines, signal
lines and data transmission lines to help protect them from
damage caused by transient surge voltages that may result from
lightning strikes and equipment switching operations. These
devices do not influence the signal in normal operation.
However, in the event of an overvoltage surge, such as a
lightning strike, the GDT switches to a low impedance state and
diverts the energy away from the sensitive equipment.
Our GDT offer a high level of surge protection, a broad voltage
range, low capacitance, and many form factors including new
surface mount devices, which makes them suitable for
applications such as Main Distribution Frame (MDF) modules,
high data-rate telecom applications (e.g. ADSL, VDSL), and
surge protection on power lines. Their low capacitance also
results in less signal distortion. When used in a coordinated
circuit protection solution with PolySwitch devices, they can help
equipment manufacturers meet stringent safety regulatory
standards.
Electrical symbol
Features
Applications
l Excellent response to fast rising transients
l Stable breakdown voltage
l GHz working frequency
l 8/20
μs Impulse current capability: 10KA
l Non-Radioactive
l Ultra Low capacitance (<1pF)
l Lead-free and RoHS compliant
l UL 497B Recognized: E465335
l Size:
Ф5.5mm*6mm
l Storage and operational temperature: -40~+90
°C
l CATV equipment
l Antennas
l RS 485
l Telecom Base Station
l Power Supply AC Main
l EV power Charging
l Inverter/Variable
l Frequency Drivers
(VFDs)
l IEEE 802.3 compliant
Ethernet interfaces
l Broad Band equipment
l xDSL, ADSL, ADSL2,
VDSL, and VDSL2
l Medical Electronics
l Test Equipment
l General Telecom
Equipment
l Renewable Energy
Part Number Code
Electrode Numbers
2R: 2 Electrodes
Product Series
Size:
Ф5.5mm*6mm
DC Spark-over Voltage
2
R
x
x
x
B
-
5
8/20
μs Impulse
Current
B: 10KA
x
Lead Type
T: Lead
S: SMD
Gas Discharge Tube
2RB-5 Serie
Rev :
www.leiditech.com
01.06.2015
1/5
ROHS


Similar Part No. - 2RB-5

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
More results

Similar Description - 2RB-5

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
Gas Discharge Tube
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com