Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES75 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXREFDES75
Description  24-BIT WEIGH SCALE WITH A 16-BIT DAC, 0 TO 10V OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES75 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXREFDES75 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 9Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 10Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 11Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 12Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 13Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
18. The output mapping between weight and output voltage can be
calibrated as well.
Click “Calibrate Output”.
A pop-up window asks the user to enter a weight in grams that
should produce 0V output.
Note: Weights below that will also produce 0V.
And enter the weight that should produce 10V output.
Note: Weights above that will also produce 10V.
Click the “OK” button.
19. Verify that the weight scale now measures weight accurately
and that the analog output changes appropriately.
20. To store the calibration values to flash, click the “Save All
Calibrations to Flash” button. This saves the calibration data
into the MAXQ622 mounted on the MAXREFDES75#. The PC
is not required for stand-alone system use after this step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com