Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES75 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES75
Description  24-BIT WEIGH SCALE WITH A 16-BIT DAC, 0 TO 10V OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES75 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES75 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Introduction
Weigh scales perform the critical function of mass measurement for a
wide variety of industrial applications. From ultra-small reactant
amounts to large cargo containers, weighing provides key information
in an array of processes from chemical reactions to commodity
management. The critical component of any modern weigh scale is
the analog-to-digital converter. The MAXREFDES75# brings a full 24-
bit ADC into a high-performance system performing small-signal
(down to ±25mV full scale) 24-bit measurements, while generating
the high-voltage sensor supply, and producing a 0 to 10V output
proportional to the input signal.
The MAXREFDES75# reference design features:
• Ratiometric measurement or measurement compared to a
precision voltage reference
• User-programmable offset and gain calibration for sensor (load
cell)
• User-programmable offset and gain calibration for DAC
• User-programmable voltage output range mapping
Enlarge+
MAXREFDES75# System Board
MAX11270
• 24-bit resolution, 64ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com