Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES74 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXREFDES74
Description  18-BIT PRECISION DATA ACQUISITION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES74 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXREFDES74 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 9Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 10Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 11Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 12Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
16. Place a J26 shunt and repeat the performance of the VREF/2 reading.
17. Apply a 10kHz sine wave from an external source, e.g. Audio Precision 2700, to CON3
(AIN0+). Synchronize the external source with the MAXREFDES74# ADC by connecting
CON9 (SYNC_CLK_OUT) to the REF IN input for coherent sampling. In the ADC
Configuration tab, check the Sync-Out CLK (10MHz) selection box to enable the 10MHz
clock output from the ZedBoard and click the Set button. Then go to the FFT tab, select
Sampling Rate, Number of Samples, put desired signal frequency in the Input Signal
(Hz) pulldown menu and then click the Calculate button. The GUI will calculate the
coherent input signal frequency based on the coherent sampling equation. The user will
then enter the adjusted signal frequency, shown in the Adjusted (Hz) box, into the
external function generator. Then click the Capture button in the FFT tab.
Figure 8. Coherent sampling of a 10kHz sine wave.
Figure 9. Coherent sampling of a 1kHz sine wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com