Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES74 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES74
Description  18-BIT PRECISION DATA ACQUISITION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES74 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES74 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES74 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
•
Single 5V supply
•
True bipolar ±5V input range
MAX5318
•
18-bit resolution with no missing codes
•
High accuracy: ±2 LSB INL (max)
•
3µs settling time
•
User-programmable offset and gain calibration
•
±0.5ppm/°C (typ) offset and gain drift over temperature
•
Force/sense output
•
50MHz SPI-compatible interface with 1.8V to 5.5V logic
Detailed Description
The block diagram of the MAXREFDES74# board is shown in Figure 1.
Figure 1. MAXREFDES74# block diagram.
The analog front-end consists of two user-selectable MAX9632 op amps, followed by
the MAX11156. The op amps can be configured as inverting or noninverting amplifiers
by jumper selectors. Both op amps work as anti-aliasing lowpass filters (LPF) and can
be daisy-chained to create a second-order LPF.
The output of the MAX5318 DAC can also be configured as a positive or negative
single-ended output, or as a true differential output through three MAX9632 op amps.
The DAC output can also be shifted up to double the output level to 2 x VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com