Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES64 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXREFDES64
Description  System Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES64 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXREFDES64 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Enlarge+
MAXREFDES64# System Board
Introduction
Industry 4.0 marks the fourth industrial revolution, characterized by distributed, intelligent
control systems. Breaking from a past with large, centralized programmable-logic
controllers, Industry 4.0 allows for highly configurable, highly modular factories, which
accept an ever increasing number of sensor inputs while operating at a higher output than
ever before. The ultra-small PLC, or Micro PLC, lies at the heart of the Industry 4.0 factory,
providing high performance with ultra-low power consumption, in an ultra-small package.
The MAXREFDES64# is Maxim’s Micro PLC, octal-channel, digital input card.
The MAXREFDES64# reference design features 8-channel digital inputs with isolated
power and data. The design integrates a 600V
data isolator (MAX14850); a STM32F1
microcontroller; a FTDI USB-UART bridge; a high-efficiency DC-DC converter
(MAX17515); and isolated/regulated +24V and +5V power rails (MAX17498C). The entire
system typically operates at less than 140mW and fits into a space roughly the size of a
credit card. A block diagram of the system is shown in Figure 1.
1
RMS
Page 1 of 6


Similar Part No. - MAXREFDES64

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXREFDES62 MAXIM-MAXREFDES62 Datasheet
410Kb / 8P
RS-485 COMMUNICATIONS MICRO PLC CARD
12/8/2014
MAXREFDES63 MAXIM-MAXREFDES63 Datasheet
1Mb / 6P
8-CHANNEL DIGITAL OUTPUT MICRO PLC CARD
12/8/2014
MAXREFDES67 MAXIM-MAXREFDES67 Datasheet
906Kb / 15P
Isolated power and data
7/31/2015
More results

Similar Description - MAXREFDES64

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT1-168S-SV HIROSE-IT1-168S-SV Datasheet
1Mb / 17P
High Speed, Matched-Impedance, Parallel Board-to-board Connector System
logo
NEC
SE-17010 NEC-SE-17010 Datasheet
3Mb / 42P
SYSTEM EVALUATION BOARD
logo
Dubilier
DBCA3310BT5 DUBILIER-DBCA3310BT5 Datasheet
114Kb / 1P
BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
1.25mm Wire-To-Board System
BUS-12-087 FCI-CONNECTOR-BUS-12-087 Datasheet
305Kb / 21P
Ribcage??II Printed Wiring Board Connector System
87024-630LF FCI-CONNECTOR-87024-630LF Datasheet
311Kb / 21P
Ribcage??II Printed Wiring Board Connector System
logo
3M Electronics
P10-010PLT 3M-P10-010PLT Datasheet
59Kb / 2P
3M Board Stacking Connector System, P10 Series
15-Dec-2009
logo
Rosenberger Hochfrequen...
B2BF101-001B5 ROSENBERGER-B2BF101-001B5 Datasheet
122Kb / 2P
Board to board connector system with
logo
AAEON Technology
UP-GWS01 AAEON-UP-GWS01 Datasheet
298Kb / 2P
Tiny Gateway System with UP Board
logo
Maxim Integrated Produc...
MAX98357DEVWLP MAXIM-MAX98357DEVWLP Datasheet
589Kb / 9P
MAX98357 Development Board/ Evaluation System (WLP)
19-6833; Rev 2; 9/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com