Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES64 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES64
Description  System Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES64 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES64 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES64 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The MAXREFDES64# uses the on-board STM32F1 microcontroller to communicate with
the octal digital input serializer. The user can read the digital inputs status through a
terminal program. The simple process flow is shown in Figure 2. The firmware is written in
C using the Keil µVision5 tool.
Figure 2. The MAXREFDES64# firmware flowchart.
The complete source code is provided to speed up customer development. Code
documentation can be found in the corresponding firmware platform files.
Quick Start
Required equipment:
• Windows PC with a USB port
• MAXREFDES64# board
• 24V power supply
Procedure
The reference design is fully assembled and tested. Follow the steps to verify board
operation:
Always disconnect and reconnect the USB cable before using the terminal program.
1. Turn off, or keep off, the 24V power supply.
2. The MAXREFDES64# utilizes the FTDI USB-UART bridge IC. If Windows cannot
automatically install the driver for the FTDI USB-UART bridge IC, the driver is
available for download from www.ftdichip.com/Drivers/D2XX.htm.
3. Connect the negative terminal of the 24V power supply to the PGND connector on
the MAXREFDES64# board. Connect the positive terminal of the 24V power supply
to the +24V connector on the MAXREFDES64# board.
®
Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com