Electronic Components Datasheet Search
  English  ▼

X  

2571 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 2571
Description  IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2571 Datasheet(HTML) 3 Page - Schurter Inc.

  2571_21 Datasheet HTML 1Page - Schurter Inc. 2571_21 Datasheet HTML 2Page - Schurter Inc. 2571_21 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Connectors (Inlets/Outlets)
2571
https://www.schurter.com /PG07
Connectors
Terminal L
Configuration
key
PCB-terminal short (additional solder terminal)
5
PCB-terminal long (additional solder terminal)
6
Blade terminal (2.8 x 0.8 mm)
7
PCB-terminal (standard)
A
PCB-terminal (short)
B
PCB-terminal (long)
C
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal N
Configuration
key
short solder terminal (L = 4.8 mm)
2
long solder terminal (L = 8.5 mm)
3
PCB-terminal short (additional solder terminal)
5
PCB-terminal long (additional solder terminal)
6
Blade terminal (2.8 x 0.8 mm)
7
PCB-terminal (standard)
A
PCB-terminal (short)
B
PCB-terminal (long)
C
Symbols similar as in table A
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal Ground
Configuration
key
without terminal
0
Symbols similar as in table A
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Color
Color
Configuration
key
Black
A
Grey
B
White
D
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Style
Style
Configuration
key
flange with countersunk holes
1
flange with through holes
2
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Dimension S
Dimension "S"
Configuration
key
00
The dimension "S" is displayed in (1/10 mm). This information is also valid for the
order code
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Orientation of Terminals
Orientation of Terminals
Configuration
key
horizontal
A
vertical
B
All Variants
Terminals L / N
Orientation of Ter-
minals
Color
Style
Config. Code
Order Number
short solder terminal (L = 4.8 mm)
vertical
Black
flange with countersunk holes
2571-X-2200-A-100B
6160.0004
█
long solder terminal (L = 8.5 mm)
vertical
Black
flange with through holes
2571-X-3300-A-200B
6160.0006
Blade terminal (2.8 x 0.8 mm)
vertical
Black
flange with countersunk holes
2571-X-7700-A-100B
6160.0007
The listed variants should be available from stock. Other versions on request www.schurter.com/contact
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com