Electronic Components Datasheet Search
  English  ▼

X  

2571 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 2571
Description  IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2571 Datasheet(HTML) 1 Page - Schurter Inc.

  2571_21 Datasheet HTML 1Page - Schurter Inc. 2571_21 Datasheet HTML 2Page - Schurter Inc. 2571_21 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Connectors (Inlets/Outlets)
2571
https://www.schurter.com /PG07
Connectors
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
See below:
Approvals and Compliances
C8
70° C
Description
- Panel mount :
Screw-on mounting , front side
- Appliance Inlet , Pin temperature 70 °C , Protection class II
- Solder / Quick Connect / PCB Terminal
- Solder terminals in horizontal or vertical orientation
Characteristics
- Contact pins are turned from solid material
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
2.5 A / 250 VAC; 50 Hz
Ratings UL/CSA
7 A / 125 VAC; 60 Hz
Dielectric Strength
> 3 kVAC between L-N
> 1.5 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-25 °C to 70 °C
IP-Protection
front side IP20 acc. to IEC 60529
Protection against electric
shock
Suitable for appliances with protection
class II acc. to IEC 61140
Material: Housing
PA6, black / grey / white, UL 94V-0
Appliance inlet/-outlet
C8 acc. to IEC/EN 60320-1
UL 60320-1, CSA C22.2 no. 60320-1
(for cold conditions) pin-temperature 70
°C, 2.5 A, Protection Class II
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: 2571
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40034368
UL Approvals
UL
UL File Number: E96454
CSA Approvals
CSA
CSA Certification Record: 27324


Similar Part No. - 2571_21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2571-A-ABC0-D-EGF SCHURTER-2571-A-ABC0-D-EGF Datasheet
272Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2571-H-ABC0-D-EGF SCHURTER-2571-H-ABC0-D-EGF Datasheet
381Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
logo
Wera Tools
2571274 WERA-2571274 Datasheet
112Kb / 1P
950 SPKL/9 SM N Multicolour L-key set, metric, BlackLaser, 9 pieces
28.09.2017
logo
Weidmuller
2571450000 WEIDMULLER-2571450000 Datasheet
508Kb / 7P
BL 3.50/03/180 SN DKGN BX PRT
logo
Schurter Inc.
2571 SCHURTER-2571_18 Datasheet
272Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
More results

Similar Description - 2571_21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2571 SCHURTER-2571 Datasheet
381Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2573 SCHURTER-2573 Datasheet
374Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2574 SCHURTER-2574 Datasheet
324Kb / 2P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2576 SCHURTER-2576 Datasheet
383Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2577 SCHURTER-2577 Datasheet
370Kb / 3P
IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2571 SCHURTER-2571_18 Datasheet
272Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2571_1810 SCHURTER-2571_1810 Datasheet
282Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2574 SCHURTER-2574_13 Datasheet
307Kb / 2P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2573 SCHURTER-2573_21 Datasheet
418Kb / 5P
IEC Appliance Inlet C8, Screw-on or Rivet Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2571 SCHURTER-2571_V01 Datasheet
282Kb / 3P
IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
05.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com