Electronic Components Datasheet Search
  English  ▼

X  

511 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 511
Description  1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

511 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  511 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE3511
Page 3 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0106-06
│ www.psemi.com
Table 5. Pin Descriptions
Table 6. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 6.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Device Functional Considerations
The
PE3511 divides an input signal, up to a
frequency of 1500 MHz, by a factor of two thereby
producing an output frequency at half the input
frequency. To work properly with low impedance,
ground referenced interfaces, the input and output
signals (pins 3 & 6) must be AC coupled via an
external capacitor, as shown in the test circuit in
Figure 4.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance. See Figure 9 for a layout example.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
1
2
3
4
5
6
OUT
GND
V
DD
NC
GND
IN
pin 1
SC-70
Pin
No.
Pin
Name
Description
1
N/C
No Connect. This pin should be left open.
2
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
3
IN
Input signal pin. DC blocking capacitor
required (100 pF typical).
4
VDD
Power supply pin. Bypassing is required.
5
GND
Ground pin.
6
OUT
Divided frequency output pin. DC blocking
capacitor required (100 pF typical).
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
Pin
Input Power
13
dBm
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VESD
ESD voltage (Human Body
Model)
2000
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com