Electronic Components Datasheet Search
  English  ▼

X  

511 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 511
Description  1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

511 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  511 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
PE3511
Page 6 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0106-06
│ UltraCMOS™ RFIC Solutions
Evaluation Kit
Figure 9. Evaluation Board Layouts
Figure 10. Evaluation Board Schematic
Peregrine Specification 102/0189
Peregrine Specification 101/0110
Applications Support
If you have a problem with your evaluation kit or if
you have applications questions call (858) 731-9400
and ask for applications support. You may also con-
tact us by fax or e-mail:
Fax: (858) 731-9499
E-Mail: help@psemi.com
Evaluation Kit Operation
The SC-70 Prescaler Evaluation Board was
designed to help customers evaluate the
PE3511
divide-by-2 prescaler. On this board, the device
input (pin 3) is connected to connector J1 through a
50
Ω transmission line. A series capacitor (C1)
provides the necessary DC block for the device
input. A value of 100 pF was used for this board
layout; other applications may require a different
value.
The device output (pin 6) is connected to J3 through
a 50
Ω transmission line. A series capacitor (C5)
provides the necessary DC block for the device
output. This capacitor value must be chosen to have
a low impedance at the desired output frequency of
the device. A value of 100 pF was chosen for the
evaluation board. At both input and output, select a
capacitor value that offers low series reactance while
ensuring that any parasitic resonances are well
above the operating bandwidth.
The board is constructed of a two-layer FR4 material
with a total thickness of 0.031”. The bottom layer
provides ground for the RF transmission lines. The
transmission lines were designed using a coplanar
waveguide above ground plane model with trace
width of 0.030”, trace gaps of 0.007”, dielectric
thickness of 0.028”, metal thickness of 0.0014”, and
ε
r of 4.4. Note that the predominate mode of these
transmission lines is coplanar waveguide. Liberal
numbers of plated through holes unite
the top and
bottom ground areas for best performance.
J6 provides DC power to the device via pin 4. Two
decoupling capacitors (100 pF, 1000 pF) are
included on this trace. It is the customer’s
responsibility to determine proper supply decoupling
for their design application.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com