Electronic Components Datasheet Search
  English  ▼

X  

PVS78E Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PVS78E
Description  Singleturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVS78E Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PVS78E Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 5Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Singleturn absolute encoder
PVS78E
Technical Data
General specifications
Detection type
photoelectric sampling
Device type
Singleturn absolute encoder
Functional safety related parameters
MTTFd
25 a
Mission Time (TM)
20 a
L10
7.7 E+9 at 3000 rpm
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
No-load supply current I0
max. 230 mA at 10 V DC
max. 100 mA at 24 V DC
Linearity
± 2 LSB at 16 Bit, ± 1 LSB at 13 Bit, ± 0,5 LSB at 12 Bit
Output code
binary code
Code course (counting direction)
programmable,
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
PROFIBUS
Resolution
Single turn
up to 16 Bit
Transfer rate
0.0096 ... 12 MBit/s
Standard conformity
PNO profile 3.062, RS-485
Connection
Cable
Ø9.6 mm, 7-core
Terminal compartment
see ordering information
Standard conformity
Degree of protection
DIN EN 60529, IP66
Climatic testing
DIN EN 60068-2-3, no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 3 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 70 °C (-40 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
Combination 1
housing: anodized aluminum
flange: anodized aluminum
shaft: Stainless steel 1.4401 / AISI 316
Combination 2 (Inox)
housing: stainless steel 1.4404 / AISI 316L
flange: stainless steel 1.4404 / AISI 316L
shaft: Stainless steel 1.4401 / AISI 316
Mass
approx. 2600 g (combination 1)
approx. 3900 g (combination 2)
Rotational speed
max. 3000 min -1
Moment of inertia
180 gcm2
Starting torque
≤ 4 Ncm
Shaft load
Axial
60 N
Radial
80 N
Data for application in connection with
hazardous areas
EU-type examination certificate
ITS 15 ATEX 18372X
IECEx ITS 15.0061X
Marking
¬
II 2G Ex d IIC T5 Gb
¬
II 2D Ex tb IIIC T100°C Db
Directive conformity
Directive 2014/34/EU
IEC 60079-0:2011 , EN 60079-0:2012+A11:2013 , IEC
60079-1:2014 , EN 60079-1:2014 , IEC 60079-31:2013 , EN
60079-31:2014
Model Number
PVS78E
Features
• Up to 16 Bit singleturn
• ATEX approval
• IECEx approval
• Flameproof enclosure
• Removable connection cap
Description
This series of PROFIBUS rotary encoders is based
on the modern fast technology of singleturn
sampling and the mechanical gear box of the
multiturn unit. The absolute encoder corresponds to
the PROFIBUS profile for encoders, order no.
3.062. Operation is supported based on Class 1
and Class 2.
For operation based on Class 1, position data and
diagnostic data bytes 1 ... 16 are available. In
addition, the direction of the code can be selected
as either cw ascending (clockwise rotation, code
course ascending) or cw descending (clockwise
rotation, code course descending).
If the rotary encoder is operated according to Class
2, additional functions to those from Class 1 are
available. These include scaling of the resolution
per revolution and the overall resolution, as well as
the preset function. In addition, expanded
diagnostic reporting is supported.
Besides, the rotary encoder offers extended
functionalities such as speed transfer, extended
scaling functions, programmable limit switches and
a commissioning mode.
The removable connecting hood contains a slide
switch for setting the terminating resistor and the
rotary switches for setting the address. Assign a
fixed address and bus termination to the encoder
with this switches.
The device is designed for shaft mounting and is
available in servo flange or clamping flange design.
0102
R


Similar Part No. - PVS78E

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PVS7 E-SWITCH-PVS7 Datasheet
1,002Kb / 6P
PVS7 Series Anti-vandal Switch
5.31.2019
PVS7F230SS301M01 E-SWITCH-PVS7F230SS301M01 Datasheet
1,002Kb / 6P
PVS7 Series Anti-vandal Switch
5.31.2019
PVS7F230SS303M01 E-SWITCH-PVS7F230SS303M01 Datasheet
1,002Kb / 6P
PVS7 Series Anti-vandal Switch
5.31.2019
PVS7F230SS304M01 E-SWITCH-PVS7F230SS304M01 Datasheet
1,002Kb / 6P
PVS7 Series Anti-vandal Switch
5.31.2019
PVS7F230SS305M01 E-SWITCH-PVS7F230SS305M01 Datasheet
1,002Kb / 6P
PVS7 Series Anti-vandal Switch
5.31.2019
More results

Similar Description - PVS78E

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASS58-K PF-ASS58-K Datasheet
392Kb / 6P
Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
Singleturn absolute encoder
BVS58 PF-BVS58 Datasheet
295Kb / 4P
Singleturn absolute encoder
CVS78E PF-CVS78E Datasheet
572Kb / 6P
Singleturn absolute encoder
DSS58 PF-DSS58 Datasheet
326Kb / 4P
Singleturn absolute encoder
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
Singleturn absolute encoder
EVS58-TZ PF-EVS58-TZ Datasheet
379Kb / 6P
Singleturn absolute encoder
EVS78E-P PF-EVS78E-P Datasheet
503Kb / 4P
Singleturn absolute encoder
FSS58 PF-FSS58 Datasheet
276Kb / 5P
Singleturn absolute encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com