Electronic Components Datasheet Search
  English  ▼

X  

PVS78E Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PVS78E
Description  Singleturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVS78E Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PVS78E Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 5Page - Pepperl+Fuchs Inc. PVS78E Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Singleturn absolute encoder
PVS78E
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Dimensions
Encoder length L
Version
Radial cable exit
Axial cable exit
Clamping flange
Servo flange
Clamping flange
Servo flange
Length L
109 mm
109 mm
125 mm
125 mm
ø48 ±0.1
15° 15°
ø69 ±0.1
L
20
16
5
54
78
15
3.5 Nm
±0.5 Nm
Clamping flange, cable exit radial
3 x M6,
6 deep
3 x 120°
3 x M3, 6 deep
3 x 120°
3 x M4, 6 deep
3 x 120°
ø 3, 8 deep
L
54
78
15
ø42 ±0.1
ø60 ±0.1
20
45
3.5 Nm
±0.5 Nm
Servo flange, radial cable exit
3 x M6,
10 deep
3 x 120°
3 x M4,
9 deep
3 x 120°
ø48 ±0.1
15° 15°
ø69 ±0.1
L
20
16
5
92
3.5 Nm ±0.5 Nm
Clamping flange, axial cable exit
3 x M6,
6 deep
3 x 120°
3 x M3,
6 deep
3 x 120°
3 x M4, 6 deep
3 x 120°
ø 3, 8 deep



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com