Electronic Components Datasheet Search
  English  ▼

X  

ZXFV201 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXFV201
Description  Quad, single, triple and dual video amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors ZXFV201 Datasheet HTML 7Page - Zetex Semiconductors ZXFV201 Datasheet HTML 8Page - Zetex Semiconductors ZXFV201 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Issue 3 - October 2005
2
www.zetex.com
© Zetex Semiconductors plc 2005
Power derating table
Recommended operating conditions
Recommended resistor values
VS± = 5V, CL = 10pF
Absolute maximum ratings over operating free-air temperature (unless
otherwise stated (a))
NOTES:
(a) Stresses above those listed under Absolute maximum ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Supply voltage (VS+ to VS-)
-0.5V to +11V
Input voltage (VIN-, VIN+)
(b)
(b) During power-up and power-down, these voltage ratings require that signals be applied only when the power supply
is connected.
VS- -0.5V to VS+ +0.5 V
Differential input voltage (VID)±3V
Inverting input current (IIN-)
(c)
(c) At high closed loop gains and low gain setting resistors care must be taken if large input signals are applied to the
device which cause the output stage to saturate for extended periods of time.
±5mA
Output current (continuous, TJ < 110°C)
±60mA
Internal power dissipation
See power dissipation derating table
Storage temperature range
-65°C to +150°C
Operating ambient junction temperature (TJMAX)
150°C
Package
Theta-ja
Power rating at 25'C
SOT23-5
195°C/W
0.64W
SO8
168°C/W
0.74W
SO14
120°C/W
1.04W
Parameter
Min.
Max.
Unit
VS±
Dual supply voltage range
±4.75
±5.25
V
VCMR
Common mode input voltage range
-3
+3
V
TA
Ambient temperature range
-40
85
°C
GCL
RF
RG
Peaking
680
n/c
2 dB
1
820
0
1000
-2dB
430
430
2dB
2470
470
1.5dB
560
560
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com