Electronic Components Datasheet Search
  English  ▼

X  

ZXFV201 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXFV201
Description  Quad, single, triple and dual video amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors ZXFV201 Datasheet HTML 7Page - Zetex Semiconductors ZXFV201 Datasheet HTML 8Page - Zetex Semiconductors ZXFV201 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Issue 3 - October 2005
3
www.zetex.com
© Zetex Semiconductors plc 2005
DC electrical characteristics (±5V power supplies, Tamb= 25°C unless otherwise
stated. Rf = 1k , RL = 150 , CL = 10pF)
Test - P = production tested. C = characterized
AC electrical characteristics (±5V, Rf = 470 , G = 2, CL = 10pF, TA = 25°C, unless
otherwise stated)
Parameter
Conditions
Test
Min.
Typ. Max.
Unit
Supply voltage V+ operating range
4.75
5
5.25
V
Supply voltage V- operating range
-5.25
-5
-4.75
V
Supply current/per channel
P
5.0
7.5
10
mA
Input common mode voltage range
P
3V
Input offset voltage
P
1
10
mV
Output offset voltage
P
2
20
mV
Input bias current, non-inverting input
P
5
10
A
Input resistance
P
1.5
2
6.5
M
Output voltage swing
IOUT = 40mA
P
3V
Output drive current
VIN = 3V
P
40
mA
Positive PSRR
V+ = ±0.25
P
49
57
dB
Negative PSRR
V- = ±0.25
P
49
57
dB
Parameter
Conditions
Min
Typ
Max
Unit
BW-3
Bandwidth, -3dB
VOUT = 0.2VPP G = +2, RF = 470
210
MHz
VOUT = 0.2VPP G = +1, RF = 820
210
BW0.1
Bandwidth, ±0.1dB
VOUT = 0.2VPP
30
MHz
SR
Slew Rate
VOUT = 2VPP G = +2, RF = 470
600
V/ s
VOUT = 2VPP G = +1, RF = 820
380
tr
Rise time
VOUT = ±1V, 10% - 90%
5.8
tf
Fall time
4.6
ns
tp
Propagation delay
VOUT = ±2V, 10% - 90%
2.6
dG
Differential phase, NTSC NTSC/PAL, 280mVPP,
DC = -1.428V to +1.428 V
0.04
%
dP
Differential phase, NTSC
0.04°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com