Electronic Components Datasheet Search
  English  ▼

X  

MAX11301 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11301
Description  MAX11300/MAX11301 PIXI Configuration Software User Guide
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11301 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11301 Datasheet HTML 17Page - Maxim Integrated Products MAX11301 Datasheet HTML 18Page - Maxim Integrated Products MAX11301 Datasheet HTML 19Page - Maxim Integrated Products MAX11301 Datasheet HTML 20Page - Maxim Integrated Products MAX11301 Datasheet HTML 21Page - Maxim Integrated Products MAX11301 Datasheet HTML 22Page - Maxim Integrated Products MAX11301 Datasheet HTML 23Page - Maxim Integrated Products MAX11301 Datasheet HTML 24Page - Maxim Integrated Products MAX11301 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
MAX11300/MAX11301 PIXI Configuration Software User Guide
21
7.10
GPI Controlled Analog Switch
Two adjacent PIXI ports can form a 60
Ω analog switch that is controlled by two different
schemes. Figure 17 represents an analog switch that is dynamically controlled by any other
PIXI port configured as GPI. The switch component connects two adjacent ports, using a
third port as a control line for the switch. The DAC on the control line sets the level that will
trigger the opening or closing of the switch. The switch connections have to be adjacent ports
with connection not allowed between PORT0 and PORT19. The control line does not have
this restriction. The control line logic can also be flipped by just setting the inversion bit.
Figure 17. Externally Controlled Analog Switch
NAME
DESCRIPTION
DEFAULT
RANGE
Pin Info –
Control
Port# for the control line
input
None
PORT0 to PORT19
Pin Info –
Switch I/O 1
Port# for one side of
switch
None
PORT0 to PORT19
Pin Info –
Switch I/O 2
Port# for other side of
switch
None
PORT0 to PORT19
Transmission Mode–
Inverted
Flip the control logic
Non-Inverted
Non-Inverted / Inverted
Voltage –
Input Threshold
Threshold for the
comparator (VREF = 2.5V)
0V
0 to 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com