Electronic Components Datasheet Search
  English  ▼

X  

MAX11301 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11301
Description  MAX11300/MAX11301 PIXI Configuration Software User Guide
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11301 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11301 Datasheet HTML 1Page - Maxim Integrated Products MAX11301 Datasheet HTML 2Page - Maxim Integrated Products MAX11301 Datasheet HTML 3Page - Maxim Integrated Products MAX11301 Datasheet HTML 4Page - Maxim Integrated Products MAX11301 Datasheet HTML 5Page - Maxim Integrated Products MAX11301 Datasheet HTML 6Page - Maxim Integrated Products MAX11301 Datasheet HTML 7Page - Maxim Integrated Products MAX11301 Datasheet HTML 8Page - Maxim Integrated Products MAX11301 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
MAX11300/MAX11301 PIXI Configuration Software User Guide
4
1. Overview
This document explains how a Windows®-based design tool can be used to create a
configuration bitstream for the MAX11300 and MAX11301. The MAX11300 and MAX11301
are functionally similar from a configuration design, with the difference being the type
of serial interface (MAX11300 = SPI, MAX11301 = I
2C). Within this document the
MAX11300 is often used to refer to both part numbers and is also referred to as PIXI™.
Refer to the MAX11300 and MAX11301 IC data sheets for detailed information
regarding the operation of the IC.
The MAX11300 and MAX11301 ICs offer 20 ports, all of which can be individually configured
in a number of different modes including ADC, DAC, GPI, GPO, or analog switch terminal.
MAX11300 Configuration Software provides easy configuration for the MAX11300 and
MAX11301 PIXI devices and all possible configuration modes. Each port can be configured
through simple drag-and-drop functionality to select the mode required. The software tool
generates the bitstream that users download to the target PIXI in order to configure its
functionality within their end application. All configurations implemented through this software
can be saved for later use.
2. Required Equipment
• PC with Windows OS (this software has been tested with Windows XP®, Windows 7, and
Windows 8 and 8.1 running .net v4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com