Electronic Components Datasheet Search
  English  ▼

X  

REFD5817 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REFD5817
Description  Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5817 Datasheet(HTML) 1 Page - Maxim Integrated Products

  REFD5817 Datasheet HTML 1Page - Maxim Integrated Products REFD5817 Datasheet HTML 2Page - Maxim Integrated Products REFD5817 Datasheet HTML 3Page - Maxim Integrated Products REFD5817 Datasheet HTML 4Page - Maxim Integrated Products REFD5817 Datasheet HTML 5Page - Maxim Integrated Products REFD5817 Datasheet HTML 6Page - Maxim Integrated Products REFD5817 Datasheet HTML 7Page - Maxim Integrated Products REFD5817 Datasheet HTML 8Page - Maxim Integrated Products REFD5817 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Maxim > Design Support > Technical Documents > Reference Schematics > A/D and D/A Conversion/Sampling Circuits > APP 5817
Maxim > Design Support > Technical Documents > Reference Schematics > Amplifiers > APP 5817
Maxim > Design Support > Technical Documents > Reference Schematics > Analog Switches and Multiplexers > APP 5817
Keywords: smart transducer, 4-20mA current loop, industrial process control, HART modem
REFERENCE SCHEMATIC 5817
Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature
Sensor with HART
By:
Yuriy Kurtsevoy, Strategic Applications
Engineer
Whitney Scott, Strategic Applications Engineer
Jan 30, 2014
Abstract: The Novato reference design (MAXREFDES16#) is a 16-bit, high-accuracy, loop-powered temperature transducer that transmits
temperature information from a remote object to the central control unit over a 4–20mA current loop and using the highway addressable
remote transducer (HART) communication protocol.
Introduction
Temperature is one of the most widely measured parameters in industrial process control and automation. This reference design provides
a complete signal-chain solution that works with any type of RTDs, from PT100 to PT1000. The Novato PT100 2-wire, loop-powered smart
temperature transmitter guarantees a low-power, easy-to-use, reliable solution of temperature measurement from -200°C to +850°C with
accuracy better than 0.1% or 1.0°C, whichever is more accurate, over the entire operating range.
The Novato MAXREFDES16 smart sensor transmitter reference design features:
2-, 3-, or 4-wire RTD sensor input
-200°C to +850°C measured temperature range
-40°C to +85°C operating range
0.03°C temperature resolution
< 0.05% span error or ±0.2°C at +23°C (whichever is greater)
< 0.1% span error or ±1.0°C over operating range
12V to 40V supply voltage range
200µA RTD excitation current
Auto compensation of wire resistance for 3-wire RTD
4–20mA current loop output
10½ to 1k½ loop load
Highway addressable remote transducer (HART) communication protocol requires minimum load of 230½
Sensor burnout detection
NAMUR down scale: < 3.2mA
NAMUR up scale: programmable from 20.5mA to > 24mA
Loop current limiter: 30mA ±5mA
HART protocol compatible
Detailed Description
Block diagram of the Novato smart sensor transmitter is shown in Figure 1.
Page 1 of 10


Similar Part No. - REFD5817

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5815 MAXIM-REFD5815 Datasheet
664Kb / 6P
Palo Verde (MAXREFDES33#): Step-Down Converter
Feb 27, 2014
REFD5819 MAXIM-REFD5819 Datasheet
998Kb / 11P
Santa Cruz (MAXREFDES23#): IO-Link Light Sensor
Feb 14, 2014
More results

Similar Description - REFD5817

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
Evaluation Board for Loop Powered 4-20mA DAC
REV. A
logo
Murata Power Solutions ...
DMS-20PC-4 MURATA-PS-DMS-20PC-4 Datasheet
227Kb / 6P
Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
logo
Analog Devices
CN-0267 AD-CN-0267 Datasheet
407Kb / 8P
Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
Endress+Hauser Group Se...
TI01043K EH-TI01043K Datasheet
961Kb / 16P
Loop-powered 4 to 20 mA process indicator with optional HART® communication
2019-07-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com