Electronic Components Datasheet Search
  English  ▼

X  

REFD5817 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # REFD5817
Description  Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5817 Datasheet(HTML) 3 Page - Maxim Integrated Products

  REFD5817 Datasheet HTML 1Page - Maxim Integrated Products REFD5817 Datasheet HTML 2Page - Maxim Integrated Products REFD5817 Datasheet HTML 3Page - Maxim Integrated Products REFD5817 Datasheet HTML 4Page - Maxim Integrated Products REFD5817 Datasheet HTML 5Page - Maxim Integrated Products REFD5817 Datasheet HTML 6Page - Maxim Integrated Products REFD5817 Datasheet HTML 7Page - Maxim Integrated Products REFD5817 Datasheet HTML 8Page - Maxim Integrated Products REFD5817 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
T(°C) = (-A + Ã(A2 - 4B(1 - RRTD/R0)))/2B
(Eq. 4)
where
RRTD = (ADCcode × RREF)/((216 - 1) × gain)
After that, temperature is converted into 4–20mA loop current using equation Eq. 5:
DACcode = 4mAcode + (20mAcode - 4mAcode)/(Tmax - Tmin) × (T - Tmin)
(Eq. 5)
Thus, loop current is proportional to the temperature (T).
The MAX11213 ADC allows auto compensation of the sensor wire resistance by measuring that resistance during the calibration
procedure and continuously subtracting that value from each conversion result. The wire resistance compensation technique is a one-step
process called system offset calibration.
In normal operation the ADC measures the voltage drop between points 2 and 3 of connector J1, see Figure 2. For the offset calibration,
the MAX4729 switches into the NO (normally opened) position and the ADC measures the voltage between points 1 and 2 of connector
J1. In other words, the ADC measures wire resistance and automatically stores that value into the System Offset Calibration register.
Figure 2. Sensor's wire measurement using the MAX4729 mux.
The central control unit (CCU) or programmable logic controller (PLC) can convert the loop current back to the temperature using Eq. 6:
T (°C) = ((Tmax -Tmin))/16 × (ILOOP - 20) + Tmax
(Eq. 6)
where
Tmax is the maximum measured temperature in °C
Tmin is the minimum measured temperature in °C
ILOOP is the measured loop current in mA.
The Novato (MAXREFDES16#) smart sensor transmitter board is loaded with the firmware that supports any RTD, from PT100 to PT1000.
Selection of the right sensor can be done during calibration.
Novato Calibration Procedure and Software
Calibration of the sensor is easy with the supporting Novato calibration software and USB-to-UART programming adapter, Figure 3.
Page 3 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com