Electronic Components Datasheet Search
  English  ▼

X  

LM4928 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4928
Description  1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4928 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4928 Datasheet HTML 1Page - National Semiconductor (TI) LM4928 Datasheet HTML 2Page - National Semiconductor (TI) LM4928 Datasheet HTML 3Page - National Semiconductor (TI) LM4928 Datasheet HTML 4Page - National Semiconductor (TI) LM4928 Datasheet HTML 5Page - National Semiconductor (TI) LM4928 Datasheet HTML 6Page - National Semiconductor (TI) LM4928 Datasheet HTML 7Page - National Semiconductor (TI) LM4928 Datasheet HTML 8Page - National Semiconductor (TI) LM4928 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JA (SD)
50˚C/W
θ
JA (micro SMD)
74˚C/W
Soldering Information
See AN-1187
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.4V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V (Notes 1, 2)
The following specifications apply for V
DD = 5V, AV = 1, and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4928
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, no load
V
IN = 0V, RL =8
Ω
(Both amplifiers)
4
4
7.5
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND
(Both amplifiers)
0.1
1.0
µA (max)
P
o
Output Power
THD = 1% (max);f=1kHz
LM4928SD, R
L =4
Ω (Note 9)
R
L =8
Ω
1.8
1.2
1.0
W
THD = 10% (max);f=1kHz
LM4928SD, R
L =4
Ω (Note 9)
R
L =8
Ω
2.2
1.5
W
THD+N
Total Harmonic Distortion + Noise
P
o = 1 Wrms; f = 1kHz
0.04
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
f = 217Hz (Note 8)
90
dB
f = 1kHz (Note 8)
90
CMRR
Common-Mode Rejection Ratio
f = 217Hz, V
CM = 200mVpp
70
50
dB (min)
V
OS
Output Offset
V
IN = 0V
4
18
mV (max)
V
SDIH
Shutdown Voltage Input High
1.4
V
V
SDIL
Shutdown Voltage Input Low
0.4
V
SNR
Signal-to-Noise Ratio
P
O = 1W, f = 1kHz
105
dB
T
WU
Wake-up time from Shutdown
Cbypass = 1µF
13
ms
Electrical Characteristics V
DD =3V
(Notes 1, 2)
The following specifications apply for V
DD = 3V, AV = 1, and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4928
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, no load
V
IN = 0V, RL =8
Ω
(Both amplifiers)
3.5
3.5
mA
I
SD
Shutdown Current
V
SHUTDOWN = GND
(Both amplifiers)
0.1
1
µA (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com