Electronic Components Datasheet Search
  English  ▼

X  

LM4928 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4928
Description  1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4928 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4928 Datasheet HTML 10Page - National Semiconductor (TI) LM4928 Datasheet HTML 11Page - National Semiconductor (TI) LM4928 Datasheet HTML 12Page - National Semiconductor (TI) LM4928 Datasheet HTML 13Page - National Semiconductor (TI) LM4928 Datasheet HTML 14Page - National Semiconductor (TI) LM4928 Datasheet HTML 15Page - National Semiconductor (TI) LM4928 Datasheet HTML 16Page - National Semiconductor (TI) LM4928 Datasheet HTML 17Page - National Semiconductor (TI) LM4928 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application Information (Continued)
Special care must be taken to match the values of the input
resistors (R
i1 and Ri2) and (Rf1 and Rf2) to each other.
Because of the balanced nature of differential amplifiers,
resistor matching differences can result in net DC currents
across the load. This DC current can increase power con-
sumption, internal IC power dissipation, reduce PSRR,
CMRR, and possibly damaging the loudspeaker. The chart
below demonstrates this problem by showing the effects of
differing values between the input resistors while assuming
that the feedback resistors are perfectly matched. The re-
sults below apply to the application circuit shown in Figure 1,
and assumes that V
DD =5V, RL =8
Ω, and the system has
DC coupled inputs tied to ground.
Tolerance
R
i1
R
i2
V
02 -V01
I
LOAD
20%
0.8R
1.2R
-0.500V
62.5mA
10%
0.9R
1.1R
-0.250V
31.25mA
5%
0.95R 1.05R
-0.125V
15.63mA
1%
0.99R 1.01R
-0.025V
3.125mA
0%
R
R
0
0
Similar results would occur if the feedback resistors were not
carefully matched. Adding input coupling resistors in be-
tween the signal source and the input resistors will eliminate
this problem, however. To achieve best performance with
minimum component count, it is highly recommended that
both the feedback and input resistors matched to 1% toler-
ance or better for best performance.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Audio Amplifier
Given:
Power Output
1Wrms
Load Impedance
8
Ω
Maximum Input Level
1Vrms
Maximum Input
Impedance
20k
Ω
Bandwidth
100Hz–20kHz ± 0.25dB
A designer must first determine the minimum supply rail to
obtain the specified output power. The supply rail can easily
be found by extrapolating from the Output Power vs Supply
Voltage graphs in the Typical Performance Characteris-
tics section. A second way to determine the minimum supply
rail is to calculate the required V
OPEAK using Equation 7 and
add the dropout voltages. Using this method, the minimum
supply voltage is (Vopeak + (V
DO TOP +VDO BOT), where VDO
BOT
and V
DO TOP are extrapolated from the Dropout Voltage
vs Supply Voltage curve in the Typical Performance Char-
acteristics section.
(7)
Using the Output Power vs Supply Voltage graph for an 8
Ω
load, the minimum supply rail just about 4.5V. Extra supply
voltage creates headroom that allows the LM4928 to repro-
duce peaks in excess of 1W without producing audible dis-
tortion. At this time, the designer must make sure that the
power supply choice along with the output impedance does
not violate the conditions explained in the Power Dissipa-
tion section. Once the power dissipation equations have
been addressed, the required differential gain can be deter-
mined from Equation 8.
(8)
R
f /Ri =AVD
From Equation 8, the minimum A
VD is 2.83. With Rf = 40k
Ω,
a ratio of R
f to Ri of 2.83 gives Ri = 14k
Ω. The final design
step is to address the bandwidth requirement which must be
stated as a single -3dB frequency point. Five times away
from a -3dB point is 0.17dB down from passband response
which is better than the required ±0.25dB specified.
f
H = 20kHz*5= 100kHz
The high frequency pole is determined by the product of the
desired frequency pole, f
H , and the differential gain, AVD .
With a A
VD = 2.83 and fH = 100kHz, the resulting GBWP =
283kHz which is much smaller than the LM4928 GBWP of
10MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4928 can still be used without running into bandwidth
limitations.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com