Electronic Components Datasheet Search
  English  ▼

X  

0ABB Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ABB
Description  0603 Time Delay SMD Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ABB Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ABB Datasheet HTML 1Page - Bel Fuse Inc. 0ABB Datasheet HTML 2Page - Bel Fuse Inc. 0ABB Datasheet HTML 3Page - Bel Fuse Inc. 0ABB Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 0ABB
3 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2021 Bel Fuse, Inc.
Rev. 0ABB Aug12 2021
Environmental Specifications
Temperature Cycling
JESD22 Method JA-104
Moisture Resistance Test
MIL-STD-202G/ method 106G
EIA722/4.4.3
Humidity Bias
MIL-STD- 202 Method 103
High Temperature Operating Life
MIL-STD-202Method 108
Mechanical Shock
MIL-STD-202 Method 213
Vibration
MIL-STD-202 Method 204
Resistance to Solder Heat
MIL-STD-202, method 201
Thermal shock
MIL-STD-202 Method 107
Resistance to Solvent
MIL-STD-202 Method 215
Solderability Test
J-STD-002
Board Flex
AEC-Q200-005
Terminal Strength (SMD)
AEC-Q200-006
High Temperature Exposure
MIL-STD-202, Method 108
Soldering Method
Wave solder
Reservoir temperature: 260
℃
Time in reservoir: 10 seconds maximum
Infrared reflow
Temperature: 260℃
Time: 30 seconds maximum
Solder Reflow Profile
Profile Feature
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
150
℃
200
℃
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3
℃/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
217
℃
60-150 seconds
Peak package body temperature (Tp)
260
℃
Time (tp) within 5
℃ of the specified
classification temperature (Tc)
30 seconds
Average ramp-down rate (Tp to Tsmax)
6
℃/second max.
Time 25
℃ to peak temperature
8 minutes max.
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com