Electronic Components Datasheet Search
  English  ▼

X  

0ABB Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ABB
Description  0603 Time Delay SMD Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ABB Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ABB Datasheet HTML 1Page - Bel Fuse Inc. 0ABB Datasheet HTML 2Page - Bel Fuse Inc. 0ABB Datasheet HTML 3Page - Bel Fuse Inc. 0ABB Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 0ABB
0603 Time Delay SMD Fuses
belfuse.com/circuit-protection
0ABB Series – 0603 Size
RoHS Compliant
Features
- High inrush current withstand capability
- Small size, 0603 SMD
- Current rating from 1A to 8A
- Wide operating temperature range from -55
℃ to 150℃
- Tape and Reel for automatic SMD placement
- Compatible with 260
℃ Pb-free IR and wave soldering process
- Ceramic and glass construction
- Excellent environmental integrity
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863 (MSL = 1)
- Halogen Free and Lead Free
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan
Applications
- Electronic device and Battery
LEAD FREE =
HALOGEN FREE =
Electrical Characteristics
Rated Current
1.0In
2.0In
2.5In
1A~8A
4 hour minimum
1~60 sec
5 sec maximum
Safety Agency Approvals
Physical Specifications
Materials
Body : Ceramic Substrate
Terminations : Ag / Ni / Sn (100% Lead-free)
Element Cover Coating : Lead-free Glass
Marking
On Fuse :
Marking Code
On Label :
"bel", "0ABB", "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Safety
Agency
Safety Agency
Certificate
Voltage Rating
(V)
Ampere Range / Volt
@ I.R. ability**
E20624
1A
–8A/32V DC
1A
–8A/50A@ 32V DC
** DC Interrupting Rating (Measured at rated voltage, time constant of less than 50
microseconds, battery source)
Specifications subject to change without notice
AEC-Q Compliant


Similar Part No. - 0ABB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ABB BEL-0ABB Datasheet
471Kb / 4P
0603 Time Delay SMD Fuses
Sep2024
0ABB-1000-TM BEL-0ABB-1000-TM Datasheet
471Kb / 4P
0603 Time Delay SMD Fuses
Sep2024
0ABB-1500-TM BEL-0ABB-1500-TM Datasheet
471Kb / 4P
0603 Time Delay SMD Fuses
Sep2024
0ABB-2000-TM BEL-0ABB-2000-TM Datasheet
471Kb / 4P
0603 Time Delay SMD Fuses
Sep2024
0ABB-2500-TM BEL-0ABB-2500-TM Datasheet
471Kb / 4P
0603 Time Delay SMD Fuses
Sep2024
More results

Similar Description - 0ABB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6125TD ETC1-6125TD Datasheet
97Kb / 2P
Brick Fuses Time Delay
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
Subminiature time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com