Electronic Components Datasheet Search
  English  ▼

X  

P4KE Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4KE
Description  400W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4KE Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4KE Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Weight
Dimensions
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
tL
tp
e
n
o
Z
l
a
c
it
ir
C
p
u
-
p
m
a
R
TL to TP
Ramp-down
150°C
200°C
-Time (min to max) (t )
(T
L) to peak
T
S(max) to T L - Ramp-up Rate
260+0/-5 °C
O
C
P4KE Series 400W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2014
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com