Electronic Components Datasheet Search
  English  ▼

X  

P4KE Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4KE
Description  400W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4KE Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4KE Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4KE Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• Halogen-free
• Rohs compliant
• Typical maximum temperature coefficient
ΔVBR = 0.1% x VBR@25°C x ΔT
• Glass passivated Chip junction in DO-41 package
• 400W peak pulse capadility at 10×1000μs waveform, repetition rate
(duty cycles):0.01%
• Fast response time:typically less than 1.0ps from 0 Volts to BV min
• Excellent clamping capability
• Low incremental surge resistance
• Typical IR less than 1μA above 11V
• High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
(9.5mm) lead length, 5lbs., (2.3kg) tension
• Plastic package has underwriters laboratory flammability classification
94v-0
• Matte Tin Lead–free plated
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation by 10x1000μs test
waveform (Fig.1)(Note 1)
P
PPM
400
Watts
Steady State Power Dissipation on
inifinite heat sink at TL=75ºC (Fig. 5)
PD
1.5
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine Wave Unidirectional only (Note 2)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 3)
VF
3.5/5.0
V
Operating junction and Storage Temperature Range.
TJ,TSTG
-55°C to 175°C
°C
Typical Thermal Resistance Junction to Lead
RuJL
60
°C/W
Typical Thermal Resistance Junction
to Ambient
RuJA
100
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum.
3. VF<3.5V for devices of VBR _< 200V and VF<5.0V for devices of VBR _> 201V.
The P4KE Automotive Series is designed specifically to protect
sensitive electronic equipment from voltage transients induced by
lightning and other transient voltage events.
Maximum Ratings And Characteristics(TA=25°C unless otherwise noted)
Applications
Features
Description
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in
telecom,computer, industrial and consumer electronic applications.
AEC -Q101 qualified.
•
P4KE Series 400W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2014
1/5


Similar Part No. - P4KE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE WTE-P4KE Datasheet
67Kb / 5P
400W TRANSIENT BOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results

Similar Description - P4KE

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
400W Transient Voltage Suppressor
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
400W Transient Voltage Suppressor
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
400W Transient Voltage Suppressor
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
400W TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
400W Transient Voltage Suppressor
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com