Electronic Components Datasheet Search
  English  ▼

X  

USB2640 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 27Page - Microchip Technology USB2640 Datasheet HTML 28Page - Microchip Technology USB2640 Datasheet HTML 29Page - Microchip Technology USB2640 Datasheet HTML 30Page - Microchip Technology USB2640 Datasheet HTML 31Page - Microchip Technology USB2640 Datasheet HTML 32Page - Microchip Technology USB2640 Datasheet HTML 33Page - Microchip Technology USB2640 Datasheet HTML 34Page - Microchip Technology USB2640 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 31
USB2640/USB2641
7.3.4.6
A9h: LED Blink Duration (1 byte)
7.3.4.7
AAh-B0h: Device 0 Identifier String
7.3.4.8
B1h-C5h: Not Applicable
7.3.4.9
C6h-CDh: Inquiry Vendor String
7.3.4.10
CEh-D2h: Inquiry Product String
Byte
Name
Description
1
LED_BLK_DUR
LED blink After Access. This byte is used to designate the number of seconds
that the LED will continue to blink after a drive access. Setting this byte to "05"
will cause the LED to blink for 5 seconds after a drive access.
Byte
Name
String
Description
6:0
DEV0_ID_STR
“COMBO”
MS, SM, and SD/MMC are mapped to device 0
identifier string because USB2640/USB2641 only
supports one LUN. When applicable, the "SM" value
will be overridden with xD once an xD-Picture Card
has been identified.
Byte
Name
Description
20:0
Not Applicable
Not applicable to USB2640/USB2641.
Byte
Name
String
Description
7:0
INQ_VEN_STR
“Generic”
If bit 4 of the 1st attribute byte is set, the device will
use these strings in response to a USB inquiry
command, instead of the USB Descriptor
Manufacturer and Product ID Strings.
Byte
Name
Unit
Description
4:0
INQ_PRD_STR
2640
If bit 4 of the 1st attribute byte is set, the device will
use these strings in response to a USB inquiry
command, instead of the USB Descriptor Manufacturer
and Product ID Strings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com