Electronic Components Datasheet Search
  English  ▼

X  

USB2640 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB2640
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB2640 Datasheet HTML 44Page - Microchip Technology USB2640 Datasheet HTML 45Page - Microchip Technology USB2640 Datasheet HTML 46Page - Microchip Technology USB2640 Datasheet HTML 47Page - Microchip Technology USB2640 Datasheet HTML 48Page - Microchip Technology USB2640 Datasheet HTML 49Page - Microchip Technology USB2640 Datasheet HTML 50Page - Microchip Technology USB2640 Datasheet HTML 51Page - Microchip Technology USB2640 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
USB2640/USB2641
DS00001947C-page 48
 2015-2021 Microchip Technology Inc.
9.2
Operating Conditions
9.3
DC Electrical Characteristics
Parameter
Symbol
MIN
MAX
Units
Comments
Operating Temperature TA
0
70
°C
Ambient temperature in still air.
3.3 V supply voltage
VDD33
3.0
3.6
V
A 3.3 V regulator with an output
tolerance of 1% must be used if
the output of the internal power
FETs must support a 5% tolerance.
3.3 V supply rise time
tRT
0400
s(Figure 9-1)
Voltage on
USB+ and USB- pins
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX
becomes:
(3.3 V supply voltage) + 0.5
5.5
Voltage on any signal
pin
-0.3
VDD33
V
Voltage on XTAL1
-0.3
2.0
V
Voltage on XTAL2
-0.3
2.0
V
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
I, IPU, IPD Type Input Buffer
Low Input Level
High Input Level
Pull Down
Pull Up
VILI
VIHI
PD
PU
2.0
72
58
0.8
V
V
A
A
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Hysteresis
VILI
VIHI
VHYSI
2.0
420
0.8
V
V
mV
TTL Levels
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
VILCK
VIHCK
IIL
1.4
-10
0.5
+10
V
V
A
VIN = 0 to VDD33
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
A
A
VIN = 0
VIN = VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com