Electronic Components Datasheet Search
  English  ▼

X  

USB2640I Datasheet(PDF) 5 Page - Microchip Technology

Part # USB2640I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640I Datasheet(HTML) 5 Page - Microchip Technology

  USB2640I Datasheet HTML 1Page - Microchip Technology USB2640I Datasheet HTML 2Page - Microchip Technology USB2640I Datasheet HTML 3Page - Microchip Technology USB2640I Datasheet HTML 4Page - Microchip Technology USB2640I Datasheet HTML 5Page - Microchip Technology USB2640I Datasheet HTML 6Page - Microchip Technology USB2640I Datasheet HTML 7Page - Microchip Technology USB2640I Datasheet HTML 8Page - Microchip Technology USB2640I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
 2015-2021 Microchip Technology Inc.
DS00001948C-page 5
USB2640i/USB2641i
• 8051 8-bit microprocessor
- 60 MHz - single cycle execution
- 64 KB ROM; 9 KB RAM
• Internal regulator for 1.8 V core operation
• Optimized pinout improves signal flow, easing implementation and allowing for improved signal integrity treatment
1.1.2
Software Features
• Optimized for low latency interrupt handling
• Hub and flash media reader/writer configuration from a single source: External I2C ROM or external SPI ROM
• EEPROM update via USB
• Please see the USB2640i/USB2641i Software Release Notes for additional software features
1.2
OEM Selectable Features
1.2.1
Hub
A default configuration is available in USB2640i/USB2641i following a reset. The USB2640i/USB2641i may also be con-
figured by an external I2C EEPROM or via external SPI ROM flash.
The USB2640i/USB2641i supports several OEM selectable features:
• Compound Device support (port is permanently hardwired to a downstream USB peripheral device), on a port-by-
port basis.
• Select over-current sensing and port power control on an individual (port-by-port) or ganged (all ports together)
basis to match the OEM’s choice of circuit board component selection.
• Port power control and over-current detection/delay features
• Configure the delay time for filtering the over-current sense inputs.
• Configure the delay time for turning on downstream port power.
• Bus- or self-powered selection
• Hub port disable or non-removable configurations
• Flexible port mapping and disable sequence. Ports can be disabled/reordered in any sequence to support multiple
platforms with a single design. The hub will automatically reorder the remaining ports to match the host controller's
numbering scheme.
• Programmable USB differential-pair pin location.
- Eases PCB layout by aligning USB signal lines directly to connectors
• Programmable USB signal drive strength. Recover USB signal integrity due to compromised system environ-
ments using 4 levels of signal drive strength.
• Indicate the maximum current that the 2-port hub consumes from the USB upstream port.
• Indicate the maximum current required for the hub controller.
1.2.2
FLASH MEDIA CONTROLLER
• Customize vendor ID, product ID, and device ID.
• 12-hex digit (max) serial number string
• Customizable vendor specific data by optional use of external serial EEPROM
• 28-character manufacturer ID and product string for flash media reader/writer
• LED blink interval or duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com