Electronic Components Datasheet Search
  English  ▼

X  

USB2640I Datasheet(PDF) 57 Page - Microchip Technology

Part # USB2640I
Description  Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2640I Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB2640I Datasheet HTML 51Page - Microchip Technology USB2640I Datasheet HTML 52Page - Microchip Technology USB2640I Datasheet HTML 53Page - Microchip Technology USB2640I Datasheet HTML 54Page - Microchip Technology USB2640I Datasheet HTML 55Page - Microchip Technology USB2640I Datasheet HTML 56Page - Microchip Technology USB2640I Datasheet HTML 57Page - Microchip Technology USB2640I Datasheet HTML 58Page - Microchip Technology USB2640I Datasheet HTML 59Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
 2015-2021 Microchip Technology Inc.
DS00001948C-page 57
USB2640i/USB2641i
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB2640i, USB2641i
Temperature
Range:
Blank
= 0
C to +85C (Extended Commercial)
i= -40
C to +85C(Industrial)
Package:
HZH
= 48-pin QFN
Tape and Reel
Option:
Blank
= Standard packaging (tray)
TR
= Tape and Reel(1)
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
-
Note 1:
Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering pur-
poses and is not printed on the device package. Check with
your Microchip Sales Office for package availability with
the Tape and Reel option. Reel size is 2,500.
Examples:
USB2640i-HZH-02
48-pin QFN RoHS Compliant package,
Industrial Temp, Tray
USB2640i-HZH-02-TR
48-pin QFN RoHS Compliant package,
Industrial Temp, Tape & Reel
USB2641i-HZH-02
48-pin QFN RoHS Compliant package,
Industrial Temp, Tray
USB2641i-HZH-02-CAG
48-pin QFN RoHS Compliant package,
Industrial Temp, Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com