Electronic Components Datasheet Search
  English  ▼

X  

USB4712 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 33Page - Microchip Technology USB4712 Datasheet HTML 34Page - Microchip Technology USB4712 Datasheet HTML 35Page - Microchip Technology USB4712 Datasheet HTML 36Page - Microchip Technology USB4712 Datasheet HTML 37Page - Microchip Technology USB4712 Datasheet HTML 38Page - Microchip Technology USB4712 Datasheet HTML 39Page - Microchip Technology USB4712 Datasheet HTML 40Page - Microchip Technology USB4712 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 37
USB4712
FIGURE 10-2:
40-VQFN PACKAGE (LAND PATTERN)
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
3.60
3.60
MILLIMETERS
0.40 BSC
MIN
E
MAX
4.90
Contact Pad Length (X40)
Contact Pad Width (X40)
Y1
X1
0.85
0.20
Microchip Technology Drawing C04-236A
NOM
SILK SCREEN
1
2
40
C1
C2
E
X1
Y1
G1
Y2
X2
C1
Contact Pad Spacing
4.90
Contact Pad to Center Pad (X40)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
ØV
EV
EV
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
G2
Contact Pad to Contact Pad (X36)
G1
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com