Electronic Components Datasheet Search
  English  ▼

X  

USB4712 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 11Page - Microchip Technology USB4712 Datasheet HTML 12Page - Microchip Technology USB4712 Datasheet HTML 13Page - Microchip Technology USB4712 Datasheet HTML 14Page - Microchip Technology USB4712 Datasheet HTML 15Page - Microchip Technology USB4712 Datasheet HTML 16Page - Microchip Technology USB4712 Datasheet HTML 17Page - Microchip Technology USB4712 Datasheet HTML 18Page - Microchip Technology USB4712 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 15
USB4712
4.3
SMBus Connections
Figure 4-3 illustrates the device SMBus Connections.
4.4
UART Connections
Figure 4-4 illustrates the device UART connections.
FIGURE 4-3:
SMBUS CONNECTIONS
FIGURE 4-4:
UART CONNECTIONS
+3.3V
USB4712
SMBx_CLK
SMBx_DAT
SMBus
Clock
Data
10K
+3.3V
10K
USB4712
UART
Transceiver
UART_TX
UART_RX
UART
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com