Electronic Components Datasheet Search
  English  ▼

X  

MAX19005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX19005
Description  Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX19005 Datasheet HTML 1Page - Maxim Integrated Products MAX19005 Datasheet HTML 2Page - Maxim Integrated Products MAX19005 Datasheet HTML 3Page - Maxim Integrated Products MAX19005 Datasheet HTML 4Page - Maxim Integrated Products MAX19005 Datasheet HTML 5Page - Maxim Integrated Products MAX19005 Datasheet HTML 6Page - Maxim Integrated Products MAX19005 Datasheet HTML 7Page - Maxim Integrated Products MAX19005 Datasheet HTML 8Page - Maxim Integrated Products MAX19005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MAX19005
Quad, Ultra-Low-Power,
200Mbps ATE Drivers/Comparators
����������������������������������������������������������������� Maxim Integrated Products 1
19-6092; Rev 0; 12/11
General Description
The MAX19005 four-channel, ultra-low-power, pin-
electronics IC includes a two-level pin driver, a window
comparator, a passive load, and force-and-sense
Kelvin-switched parametric measurement unit (PMU)
connections for each channel. The driver features a
-1V to +5.2V voltage range, includes high-impedance
modes, and is highly linear even at low voltage swings.
The window comparator features 240MHz equivalent
input bandwidth and programmable output voltage
levels. The passive load provides pullup and pulldown
voltages to the device-under-test (DUT).
Low leakage and high impedance are operational
configurations that are programmed through a 3-wire,
low-voltage, CMOS-compatible serial interface. High-
speed PMU switching is realized through dedicated
digital control inputs.
This device is available in an 80-pin, 12mm x 12mm
body, 0.5mm pitch TQFP with an exposed 6mm x 6mm
die pad on the bottom of the package for efficient heat
removal. The device is specified to operate over the 0NC
to +70NC commercial temperature range and features a
die temperature monitor output.
Features
S
Small Footprint: Four Channels in 0.3in2
S
Low-Power Dissipation: 340mW/Channel (typ)
S
High Speed: 200Mbps at 3VP-P
S
-1V to +5.2V Operating Range
S
Integrated Pin Switch (with -1V to +24V Off Range)
S
Integrated PMU Switches with -1V to +24V
Operating Range
S
Passive Load
S
Low-Leakage Mode by Pin Switch Off: 10nA (max)
S
Low Gain and Offset Error
Applications
NAND Flash Testers
DRAM Probe Testers
Low-Cost Mixed-Signal/System-on-Chip (SoC)
Testers
Active Burn-In Systems
Structural Testers
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/MAX19005.related
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX19005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT+ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
Fully Assembled and Tested
Rev 0; 12/09
More results

Similar Description - MAX19005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Maxim Integrated Produc...
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX9972 MAXIM-MAX9972_11 Datasheet
431Kb / 22P
Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com