Electronic Components Datasheet Search
  English  ▼

X  

MAX19005 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX19005
Description  Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19005 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX19005 Datasheet HTML 17Page - Maxim Integrated Products MAX19005 Datasheet HTML 18Page - Maxim Integrated Products MAX19005 Datasheet HTML 19Page - Maxim Integrated Products MAX19005 Datasheet HTML 20Page - Maxim Integrated Products MAX19005 Datasheet HTML 21Page - Maxim Integrated Products MAX19005 Datasheet HTML 22Page - Maxim Integrated Products MAX19005 Datasheet HTML 23Page - Maxim Integrated Products MAX19005 Datasheet HTML 24Page - Maxim Integrated Products MAX19005 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 21
MAX19005
Quad, Ultra-Low-Power,
200Mbps ATE Drivers/Comparators
Passive Load
The IC channels each feature a passive load consisting
of a buffered input voltage (LDV_) connected to DUT_
through two resistive paths (Figure 2). Each path con-
nects to DUT_ individually by a switch controlled through
the serial interface. Programming options include none
(load disconnected), either, or both paths connected.
The loads facilitate fast open/short testing in conjunction
with the comparator, and pullup of open-drain DUT_ out-
puts. See Table 3.
Parametric Switches
Each of the four IC channels provide force-and-sense
paths for connection of a PMU or other DC resource to
the device-under-test (Figure 2). Both force and sense
switches are simultaneously controlled through the serial
interface providing maximum application flexibility. PMU_
and DUT_ are provided on separate pins, allowing
designs that do not require the parametric switch feature
to avoid the added capacitance of PMU_. It also allows
PMU_ to connect to DUT_, either directly or with an
impedance-matching network. See Table 4.
Low-Leakage Mode (LLEAK_)
Asserting LLEAK_ through the serial port places the
IC into a very-low-leakage state. See the Electrical
Characteristics section. This mode is convenient for mak-
ing IDDQ and PMU measurements without the need for
an output disconnect relay. LLEAK_ control is indepen-
dent for each channel.
When DUT_ is driven with a high-speed signal while
LLEAK_ is asserted, the leakage current momentari-
ly increases beyond the limits specified for normal
operation. The low-leakage recovery specification in
the Electrical Characteristics section indicates device
behavior under this condition.
X = Don’t care.
Table 4. PMU Switch Logic
Table 3. Passive Load Logic
Figure 4. Complementary 50I Comparator Outputs
Table 2. Comparator Logic
INTERNAL CONTROL BITS
PASSIVE LOAD
STATUS
LOAD EN
HIGH�
LOAD EN
LOW�
0
0
Disconnect
0
1
375I load connect
1
0
750I load connect
1
1
750I || 375I
load connect
EXTERNAL
CONNECTION
INTERNAL
CONTROL BIT
PMU SWITCH
STATUS
SWEN
PMU EN�
0
X
Open
1
0
Open
1
1
Short
CONDITION
CMPH�
CMPL�
DUT_ < CHV_
DUT_ < CLV_
0
0
DUT_ < CHV_
DUT_ > CLV_
0
1
DUT_ > CHV_
DUT_ < CLV_
1
0
DUT_ > CHV_
DUT_ > CLV_
1
1
COMPHI
CHV_
DUT_
CLV_
COMPLO
50I
CMPH_
50I
CMPL_
VBBO
MAX19005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com