Electronic Components Datasheet Search
  English  ▼

X  

MAX18066 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX18066
Description  High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX18066 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX18066 Datasheet HTML 14Page - Maxim Integrated Products MAX18066 Datasheet HTML 15Page - Maxim Integrated Products MAX18066 Datasheet HTML 16Page - Maxim Integrated Products MAX18066 Datasheet HTML 17Page - Maxim Integrated Products MAX18066 Datasheet HTML 18Page - Maxim Integrated Products MAX18066 Datasheet HTML 19Page - Maxim Integrated Products MAX18066 Datasheet HTML 20Page - Maxim Integrated Products MAX18066 Datasheet HTML 21Page - Maxim Integrated Products MAX18066 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Layout Procedure
Careful PCB layout is critical to achieve clean and stable
operation. It is highly recommended to duplicate the
MAX18066/MAX18166 evaluation kit layout for optimum
performance. If deviation is necessary, follow these guide-
lines for good PCB layout:
1) Connect input and output capacitors to the power
ground plane; connect all other capacitors to the
signal ground plane. Connect the signal ground plane
to the power ground plane at a single point adjacent to
the ground bump of the IC.
2) Place capacitors on VDD, IN, and SS as close as
possible to the device and the corresponding pin using
direct traces. Keep the power ground plane and signal
ground plane separate. Connect all GND bumps at
only one common point near the input bypass capaci-
tor return terminal.
3) Keep the high-current paths as short and wide as
possible. Keep the path of switching current short
and minimize the loop area formed by LX, the output
capacitors, and the input capacitors.
4) Connect IN, LX, and GND separately to large
copper areas to help cool the device to further improve
efficiency and long-term reliability.
5) For better thermal performance, maximize the copper
trace widths for consecutive bumps (LX, IN, GND)
using solder mask (SMD) lands.
6) Ensure all feedback connections are short and direct.
Place the feedback resistors and compensation
components as close as possible to the device.
7) Route high-speed switching nodes (such as LX and
BST) away from sensitive analog areas (such as SS,
FB, and COMP).
+Denotes a lead(Pb)-free/RoHS-compliant package.
Chip Information
PROCESS: BiCMOS
Ordering Information
PART NUMBER
TEMP RANGE
PIN-PACKAGE
FREQUENCY
MAX18066EWE+
-40°C to +85°C
16 WLP
500kHz
MAX18166EWE+
-40°C to +85°C
16 WLP
350kHz
www.maximintegrated.com
Maxim Integrated │ 21
MAX18066/MAX18166
High-Efficiency, 4A, Step-Down DC-DC
Regulators with Internal Power Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com