Electronic Components Datasheet Search
  English  ▼

X  

MAX18066 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX18066
Description  High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX18066 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX18066 Datasheet HTML 1Page - Maxim Integrated Products MAX18066 Datasheet HTML 2Page - Maxim Integrated Products MAX18066 Datasheet HTML 3Page - Maxim Integrated Products MAX18066 Datasheet HTML 4Page - Maxim Integrated Products MAX18066 Datasheet HTML 5Page - Maxim Integrated Products MAX18066 Datasheet HTML 6Page - Maxim Integrated Products MAX18066 Datasheet HTML 7Page - Maxim Integrated Products MAX18066 Datasheet HTML 8Page - Maxim Integrated Products MAX18066 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
(VIN = 12V, CVDD = 1µF, CIN = 22µF, TA = TJ = -40°C to +85°C, typical values are at TA = TJ = +25°C, unless otherwise noted.) (Note 4)
Note 4: Specifications are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design and characterization.
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL LDO OUTPUT (VDD)
VDD Output Voltage
VDD
IVDD = 1mA, VIN = 6.5V to 16V
4.75
5.1
5.45
V
IVDD = 1mA to 25mA, VIN = 6.5V
4.75
5.1
5.45
VDD Short-Circuit Current
VIN = 6.5V
30
90
mA
VDD LDO Dropout Voltage
IVDD = 5mA, VDD drops by 2%
100
mV
VDD Undervoltage Lockout
Threshold
VUVLO_TH
VDD rising, LX starts switching
3.7
3.9
4.1
V
VDD Undervoltage Lockout
Hysteresis
VUVLO_HYST
150
mV
POWER SWITCH
LX On-Resistance
High-side switch, ILX = 0.4A
40
mΩ
Low-side switch, ILX = 0.4A
18.5
High-Side Switch Source
Current-Limit Threshold
IHSCL
5.5
7.7
A
Low-Side Switch Zero-Crossing
Current-Limit Threshold
0.21
A
High-Side Switch Skip Sourcing
Current-Limit Threshold
0.58
A
LX Leakage Current
VBST = 21V, VIN = VLX = 16V
0.01
µA
VBST = 5V, VIN = 16V, VLX = 0V
0.01
BST Leakage Current
VBST = 21V, VIN = VLX = 16V
0.01
µA
BST On-Resistance
IBST = 5mA
10
Ω
HICCUP PROTECTION
Blanking Time
21 x
soft-start
time
THERMAL SHUTDOWN
Thermal Shutdown Threshold
Rising
160
°C
Thermal Shutdown Hysteresis
20
°C
www.maximintegrated.com
Maxim Integrated │ 4
MAX18066/MAX18166
High-Efficiency, 4A, Step-Down DC-DC
Regulators with Internal Power Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com