Electronic Components Datasheet Search
  English  ▼

X  

MAX20796 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20796
Description  Dual-Phase Scalable Integrated Voltage Regulator with PMBus Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20796 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20796 Datasheet HTML 17Page - Maxim Integrated Products MAX20796 Datasheet HTML 18Page - Maxim Integrated Products MAX20796 Datasheet HTML 19Page - Maxim Integrated Products MAX20796 Datasheet HTML 20Page - Maxim Integrated Products MAX20796 Datasheet HTML 21Page - Maxim Integrated Products MAX20796 Datasheet HTML 22Page - Maxim Integrated Products MAX20796 Datasheet HTML 23Page - Maxim Integrated Products MAX20796 Datasheet HTML 24Page - Maxim Integrated Products MAX20796 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Overcurrent Protection (Power Stage Peak OCP)
Besides average OCP, the MAX20796 has the instan-
taneous cycle-by-cycle peak current protection in each
power train. The internal lossless current sense tech-
nology is used and intended to operate only in extreme
overcurrent conditions to protect the integrated FETs. Its
threshold is fixed as shown in the Electrical Characteristics
table. Once the power-stage peak OCP is triggered, the
relevant phase turns off the high-side FET and turns on its
low-side FET to keep its peak current at a safe level. Since
the protection is based on the instantaneous current,
the ripple current must be considered when calculating
the maximum average current per phase. The maximum
positive DC-phase current before clamping can be calcu-
lated as shown in Equation 2.
Equation 2:
PH_P-P
PHASE_DC_MAX_POS
FOCP_P
I
II
2
=
−
Where: IPH_P-P is the peak-to-peak phase-current ripple
in the inductor.
MAX20796 also has a negative cycle-by-cycle overcurrent
protection (NOCP) for each power train. Its threshold is
also fixed as shown in the Electrical Characteristics table.
If the NOCP threshold is reached, the low-side FET turns
off and the high-side FET turns on for protection. Equation
3 shows the maximum negative DC current per phase.
Equation 3:
PH,PP
PHASE_DC_MAX_NEG
NOCP
I
II
2
=
+
Undervoltage Lockout (UVLO)
The MAX20796 includes UVLO circuits on the AVDD,
VCC_, and VDDH_ supply input pins. The UVLO thresh-
olds are specified in the Electrical Characteristics table. If
a UVLO event is detected, the system stops regulating.
Once the faulted input voltage rises above its UVLO rising
threshold, the device reinitializes a new startup process.
Overtemperature Protection (OTP)
Overtemperature protection ensures the power train
as well as the controller works within a safe tem-
perature range. There are two temperatures monitored
in the MAX20796. READ_TEMPERATURE_1 reports
the integrated power train junction temperature. If
there is an external power stage connected, READ_
TEMPERATURE_2 reports its junction temperature by
monitoring the TS_FAULT pin voltage. If any temperature
is over the programmed threshold, the fault is triggered.
The regulator shuts down switching immediately by
turning off both FETs, waiting for about 50ms off time,
and then restarting if the junction temperature drops
below threshold. STATUS_TEMPERATURE is flagged to
report the fault. The factory default threshold is typically
150°C and it can be programmed using the PMBus com-
mands. OT_FAULT_RESPONSE can be programmed
to “Shutdown and Retry” (factory default) or “Shutdown
only.”
Fault Handling Table
The following table summarizes the fault types and sys-
tem responses. “Configurable” means some of these
options, “ignore,” “shutdown” and “shutdown and retry,”
can be selected through PMBus. See
Application Note
6453: MAX20796 PMBus User Guide for details.
Table 3. Fault Handling
FAULT
PROTECTION
STATUS
PIN
STATUS
REGISTER
RESPONSE
RESPONSE
REGISTER
FAULT LIMIT
REGISTER
A/DVDD UVLO
N/A
N/A
Reset
N/A
N/A
VCC_ UVLO
ALERT
STATUS_MFR_
SPECIFIC
Stop regulating until
UVLO condition
clears
N/A
N/A
VDDH_ UVLO
ALERT
STATUS_INPUT
Shutdown and retry N/A
N/A
BST_ UVLO
ALERT
STATUS_MFR_
SPECIFIC
Stop regulating until
UVLO condition
clears
N/A
N/A
VOUT Tracking
OVP
ALERT / PGOOD
STATUS_VOUT
Configurable
VOUT_OV_FAULT_
RESPONSE
VOUT_OV_FAULT_
LIMIT
VOUT Umbrella
OVP
ALERT / PGOOD
STATUS_VOUT
Configurable
VOUT_OV_FAULT_
RESPONSE
Fixed
VOUT UVP
ALERT / PGOOD
STATUS_VOUT
Configurable
VOUT_UV_FAULT_
RESPONSE
VOUT_UV_FAULT_
LIMIT
MAX20796
Dual-Phase Scalable Integrated Voltage
Regulator with PMBus Interface
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com