Electronic Components Datasheet Search
  English  ▼

X  

MAX20796 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20796
Description  Dual-Phase Scalable Integrated Voltage Regulator with PMBus Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20796 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20796 Datasheet HTML 1Page - Maxim Integrated Products MAX20796 Datasheet HTML 2Page - Maxim Integrated Products MAX20796 Datasheet HTML 3Page - Maxim Integrated Products MAX20796 Datasheet HTML 4Page - Maxim Integrated Products MAX20796 Datasheet HTML 5Page - Maxim Integrated Products MAX20796 Datasheet HTML 6Page - Maxim Integrated Products MAX20796 Datasheet HTML 7Page - Maxim Integrated Products MAX20796 Datasheet HTML 8Page - Maxim Integrated Products MAX20796 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
(Typical Application Circuit, unless otherwise noted, VDDH_ = 12V, VLDOIN = 3.3V, -40°C ≤ TJ ≤ +125°C; specifications are production
tested at TA = +32°C; limits within the operating temperature range are guaranteed by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LINEAR REGULATOR (EB PIN)
External FET Output Set-Point
Voltage
VDDH_> 5.1V regulating
2.97
3.06
3.63
V
EB Sink/Source Current
IEB
VEB from 0.7V to 6V
25
48
µA
OUTPUT VOLTAGE RANGE AND ACCURACY
DC Set-Point Voltage Accuracy
TJ = +32°C, VOUT = 0.6V
to 5.0V, measured between
SNSP and SNSN pins
-0.8
+0.8
%
Voltage-Sense Input Bias
Current
ISNSN
-0.3V < VSNSN < 0.3V
-15
+15
µA
Voltage-Sense Input Bias
Current
ISNSP
0V < VSNSP < 5.5V
-240
+240
µA
SWITCHING FREQUENCY ACCURACY
Switching Frequency
fSW
PGMx pin-strap or PMBUS
programmable
200 to 799
kHz
Switching Frequency
Accuracy
(Note 4)
±10
%
INPUT VOLTAGE PROTECTION
VDDH Undervoltage
Lockout
VVDDH_UVLO Rising VDDH
4.28
4.40
4.54
V
VDDH Undervoltage-Lockout
Hysteresis
500
mV
VCC Undervoltage
Lockout
VVCC_UVLO
Rising VCC
1.53
1.59
1.63
V
VCC Undervoltage-Lockout
Hysteresis
50
mV
AVDD Undervoltage
Lockout
VAVDD_UVLO
Rising AVDD
1.53
1.61
1.66
V
AVDD Undervoltage-Lockout
Hysteresis
50
mV
VBST Undervoltage
Lockout
VVBST_UVLO
Rising VBST
1.46
1.56
1.64
V
VBST Undervoltage-Lockout
Hysteresis
50
mV
MAX20796
Dual-Phase Scalable Integrated Voltage
Regulator with PMBus Interface
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com