Electronic Components Datasheet Search
  English  ▼

X  

MP7651 Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7651
Description  8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7651 Datasheet(HTML) 3 Page - Exar Corporation

  MP7651 Datasheet HTML 1Page - Exar Corporation MP7651 Datasheet HTML 2Page - Exar Corporation MP7651 Datasheet HTML 3Page - Exar Corporation MP7651 Datasheet HTML 4Page - Exar Corporation MP7651 Datasheet HTML 5Page - Exar Corporation MP7651 Datasheet HTML 6Page - Exar Corporation MP7651 Datasheet HTML 7Page - Exar Corporation MP7651 Datasheet HTML 8Page - Exar Corporation MP7651 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP7651
3
Rev. 2.00
PIN CONFIGURATIONS
See Packaging Section for
Package Dimensions
13
16
14
15
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
11
18
12
17
28 Pin PDIP (0.300”)
NN28
VR1
VO1
VO2
VR2
GND
VO4
VR4
VR5
VO5
VO6
VR0
VO0
CS3P
CS2P
SDI
CS1P
SDO
CLK
CSOP
VO7
VR7
VR6
VCC
VR3
VO3
VEE
28
1
15
14
2
3
4
5
6
7
17
16
8
9
19
18
10
11
23
22
21
20
27
26
25
24
12
13
VR0
28 Pin SOIC (EIAJ, 0.335”)
R28
VO0
CS3P
CS2P
SDI
CS1P
SDO
CLK
CSOP
VO7
VR7
VR6
VR1
VO1
VO2
VR2
GND
VO4
VR4
VR5
VO5
VO6
VR3
VO3
VCC
VEE
RST
LD
RST
LD
PIN OUT DEFINITIONS
1
VR1
DAC 1 Reference Input
2
VO1
DAC 1 Output
3
VO2
DAC 2 Output
4
VR2
DAC 2 Reference Input
5
VR3
DAC 3 Reference Input
6
VO3
DAC 3 Output
7VCC
Positive Supply
8VEE
Negative Supply
9
GND
Ground
10
VO4
DAC 4 Output
11
VR4
DAC 4 Reference Input
12
VR5
DAC 5 Reference Input
13
VO5
DAC 5 Output
14
VO6
DAC 6 Output
15
VR6
DAC 6 Reference Input
PIN NO.
NAME
DESCRIPTION
16
VR7
DAC 7 Reference Input
17
VO7
DAC 7 Output
18
CSOP
Chip Select Bit 0 (LSB)
19
CS1P
Chip Select Bit 1
20
SDI
Serial Data/Address Input
21
SDO
Serial Data Output
22
CLK
Shift Register Clock
23
LD
Load Signal; Load Data
to Selected DACs
24
RST
Reset Signal; Reset all DACs to
VREF/2
25
CS2P
Chip Select Bit 2
26
CS3P
Chip Select Bit 3 (MSB)
27
VO0
DAC 0 Output
28
VR0
DAC 0 Reference Input
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com