Electronic Components Datasheet Search
  English  ▼

X  

MP7651 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7651
Description  8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7651 Datasheet(HTML) 1 Page - Exar Corporation

  MP7651 Datasheet HTML 1Page - Exar Corporation MP7651 Datasheet HTML 2Page - Exar Corporation MP7651 Datasheet HTML 3Page - Exar Corporation MP7651 Datasheet HTML 4Page - Exar Corporation MP7651 Datasheet HTML 5Page - Exar Corporation MP7651 Datasheet HTML 6Page - Exar Corporation MP7651 Datasheet HTML 7Page - Exar Corporation MP7651 Datasheet HTML 8Page - Exar Corporation MP7651 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP7651
1
Rev. 2.00
8-Channel, Voltage Output
10 MHz Input Bandwidth 8-Bit Multiplying
DACs with Serial Digital Data Port
and Chip Select Decoder
FEATURES
• 8 Independent 2-Quadrant Multiplying 8-Bit DACs
• Serial Digital Input Data and Address Port (3-Wire
Standard) plus Internal Chip Address Decoder
©
• Dual Supplies (+5 V typ.)
• High Speed:
–
12.5 MHz Digital Clock Rate
–VREF to VOUT Settling Time: 150ns to
8-bit (typ)
–
Voltage Reference Input Bandwidth:
10 MHz (typ)
• Low Power: 150mW (typ)
• Low AC Voltage Reference Feedthrough
• Excellent Channel-to-Channel Isolation
• DNL = +0.8 LSB, INL = +1 LSB (typ)
• DACs Matched to +0.5% (typ)
• Low Harmonic Distortion: 0.25% typical
with VREF = 1 V p-p @ 1 MHz
• VREF/2 Output Preset Level
• Latch-Up Proof
• Greater than 2000 V ESD Protection
APPLICATIONS
• ATE
• Process Control (Low Noise)
• Convergence Adjustment for High
Resolution Monitors (Work Stations)
• Digital Gain/Attenuation/Offset Control
• Trimmer Replacement
GENERAL DESCRIPTION
The MP7651 is ideal for direct gain control of video, compos-
ite video, CCD and other high frequency analog signals. The de-
vice includes 8-channels of high speed, high bandwidth, two
quadrant, multiplying, 8-bit accurate digital-to-analog converter.
It includes an output drive buffer per channel capable of driving
+1mA (typ) to a load. DNL of better than +0.8 LSB is achieved
with a channel-to-channel matching of better than 0.5%. Stabil-
ity, matching, and precision of the DACs is achieved by using
EXAR’s thin film technology. Also, excellent channel-to-channel
isolation is achieved with EXAR’s BiCMOS process which can-
not be achieved using a typical CMOS technology.
An open loop architecture (patent pending) provides wide
small signal bandwidth from VREF to output up to 10 MHz (typ),
fast output settling time, and VREF feedthrough isolation of
–65dB or better. In addition, low distortion in the order of 0.25%
with a 1 V p–p, 1 MHz signal.
A specified and constant input impedance of each VREF+ in-
put gives flexibility for optimal system design. The serial data
3-wire standard
µ-processor logic interface reduces pin count,
package size (28 pin), and board wire (space). Additionally, the
internal chip select decoder allows for easy daisy chaining with-
out the addition of separate control logic.
MP7651 is fabricated on a junction isolated, high speed, dual
metal, linear compatible BiCMOS (BiCMOS IVTM) thin film resis-
tors. This process enables precision high speed analog/digital
(mixed-mode) circuits to be fabricated on the same chip.


Similar Part No. - MP7651

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7652 EXAR-MP7652 Datasheet
179Kb / 16P
4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
MP7652AN EXAR-MP7652AN Datasheet
179Kb / 16P
4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
MP7652AS EXAR-MP7652AS Datasheet
179Kb / 16P
4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
More results

Similar Description - MP7651

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
logo
Exar Corporation
MP8840 EXAR-MP8840 Datasheet
813Kb / 16P
8 CHANNEL VOLTAGE OUTPUT 2 MHZ 4 QUADRANT MULTIPLYING 8 BIT DAC WITH SERIAL DIGITAL DATA PORT
MP7643 EXAR-MP7643 Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7652 EXAR-MP7652 Datasheet
179Kb / 16P
4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
MP7641 EXAR-MP7641 Datasheet
253Kb / 24P
8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
logo
Analog Devices
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com