| Electronic Components Datasheet Search |
|
YAC520 Datasheet(PDF) 8 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
YAC520 Datasheet(HTML) 8 Page - YAMAHA CORPORATION |
|
8 / 16 page ![]() YAC520 8 • Volume Setting In zero crossing mode (ZCEN=H), the volume value is changed when one zero crossing is detected after the rise of CSN. The volume value is changed also when no zero crossing is detected for 20 ms. In normal mode (ZCEN=L), zero crossing detection is not performed and volume value is changed immediately after the rise of CSN. The input codes and volumes values are related as described in the following table. Input Code (Left/Right Channel) L(R)IN1=L(R)IN2 Gain or Attenuation (dB) L(R)IN2=GND Gain or Attenuation (dB) L(R)IN1=GND Gain or Attenuation (dB) 11111111 +32.0 +29.5 +20.0 11111110 +31.5 +29.0 +19.5 • ••• • ••• 11010111 +12.0 +9.5 0 • ••• 11000100 +2.5 0 −9.5 • ••• 10111111 0 −2.5 −12.0 • ••• • ••• 00000010 −94.5 −97.0 −106.5 00000001 −95.0 −97.5 −107.0 00000000 MUTE MUTE MUTE • MUTE Writing 0000h into register enables mute. The time mute is enabled varies between zero crossing mode (ZCEN=H) and normal mode (ZCEN=L) as described above. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |