Electronic Components Datasheet Search
  English  ▼

X  

BIS012R Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS012R
Description  UHF (860...960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS012R Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS012R Datasheet HTML 1Page - Balluff Korea Ltd. BIS012R Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UHF (860...960 MHz)
BIS U-6027-060-124-06-ST27
Order Code: BIS012R
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 281736
ETIM 6.0: EC002998
BIS012R_0.23_2021-08-25
1 / 2
Basic features
Approval/Conformity
CMIIT-Radio Transmiss. Equipm.
WEEE
cULus
Principle of operation
Processor unit
Radio license
China
Standards
EPCglobal™ Class 1, Gen 2
ISO 18000-6C
Display/Operation
In 1
LED orange
In 2
LED orange
Out 1
LED orange
Out 2
LED orange
Out 3
LED orange
Out 4
LED orange
Ready/Error
Green LED/Red LED
Receive data (RxD)
LED orange, flashing
TCP/IP connected
Green LED, flashing
TCP/IP ready
Green LED
Tag Operating
LED orange, flashing
Tag Present (TP)
LED orange
Transmit Data (TxD)
LED orange, flashing
Electrical connection
Connection (COM 1)
X4 (Ethernet TCP/IP): RJ45-
Female, 8-pin
Connection (Service)
X3 (RS232):
M12x1-Male, 4-pin, A-coded
Connection (supply voltage IN)
X1:
Male, 5-pin
Connection slots
1: R-TNC-Male
2: R-TNC-Male
3: R-TNC-Male
4: R-TNC-Male
X2 (IN/OUT): Male, 8-pin
Electrical data
Antenna impedance
50 Ohm
Control input
2 (optocoupler isolated)
Control output
4 (optocoupler isolated)
PNP
Control voltage active
4…40 V
Control voltage inactive
1.5…-40 V
Current consumption max. at 24 V DC 1 A
Delay time typ.
5 ms
Input current max. at 24 V
11 mA
Multi-Tag capable
yes
Operating voltage Ub
19.2...28.8 VDC
Operating voltage, output Vs
19.2…28.8 V DC
Output current max.
50 mA
Output power adjustable
17 dBm...31.5 dBm (50 mW...1.4
W)
Output resistance Ra
10.0 kOhm to -VS
Residual ripple max.
10 %
Working frequency
920.5…924.5 MHz


Similar Part No. - BIS012R

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0121 BALLUFF-BIS0121 Datasheet
121Kb / 2P
LF (125 kHz)
BIS0122 BALLUFF-BIS0122 Datasheet
143Kb / 3P
Multi-Frequency Processor
BIS0126 BALLUFF-BIS0126 Datasheet
140Kb / 3P
HF (13.56 MHz)
BIS012E BALLUFF-BIS012E Datasheet
148Kb / 3P
Multi-Frequency Processor
BIS012N BALLUFF-BIS012N Datasheet
1Mb / 6P
HF (13.56 MHz)
More results

Similar Description - BIS012R

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS013J BALLUFF-BIS013J Datasheet
154Kb / 3P
UHF (860...960 MHz)
BIS013P BALLUFF-BIS013P Datasheet
116Kb / 2P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00TY BALLUFF-BIS00TY Datasheet
150Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
BIS015Y BALLUFF-BIS015Y Datasheet
152Kb / 3P
UHF (860...960 MHz)
0.3_2021-12-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com