Electronic Components Datasheet Search
  English  ▼

X  

BIS012R Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS012R
Description  UHF (860...960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS012R Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS012R Datasheet HTML 1Page - Balluff Korea Ltd. BIS012R Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UHF (860...960 MHz)
BIS U-6027-060-124-06-ST27
Order Code: BIS012R
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 281736
ETIM 6.0: EC002998
BIS012R_0.23_2021-08-25
2 / 2
Environmental conditions
Ambient temperature
-20 °C...55 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP65, with connector
Storage temperature
-20...60 °C
Functional safety
MTTF (40 °C)
49.3 a
Interface
Interface
Ethernet TCP/IP
Material
Housing material
Steel, Aluminum, coated
Housing material, surface protection coated
Mechanical data
Application weight
2100.00 g
Dimension
110 x 60 x 315 mm
Remarks
Values are under rated conditions unless otherwise specified.
When installing, the technical standards and regulations of the corresponding countries must be observed.
Operation permitted only in PRChina.
For basic equipment: Accessories see www.balluff.com
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector
2) Male 5-pin/ Function
1) View towards connector
2) RJ45
3) Socket 8-pin/ Function
1) View towards connector
2) Male 8-pin/ Function
1) View towards connector
2) Service port RS232
3) Male 4-pin/ Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com