Electronic Components Datasheet Search
  English  ▼

X  

2SD2230 Datasheet(PDF) 1 Page - NEC

Part # 2SD2230
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD2230 Datasheet(HTML) 1 Page - NEC

  2SD2230 Datasheet HTML 1Page - NEC 2SD2230 Datasheet HTML 2Page - NEC 2SD2230 Datasheet HTML 3Page - NEC 2SD2230 Datasheet HTML 4Page - NEC 2SD2230 Datasheet HTML 5Page - NEC 2SD2230 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
'RFXPHQW 1R '(-9'6 VW HGLWLRQ
'DWH 3XEOLVKHG $SULO  1 &3 .
3ULQWHG LQ -DSDQ
6,/,&21 75$16,6725
6'
1316,/,&21(3,7$;,$/ 75$16,6725
)25/2:)5(48(1&< 32:(5 $03/,),(56
'$7$ 6+((7
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SD2230 is an element realizing ultra low VCE(sat). This
transistor is ideal for muting such as stereo recorders, VCRs,
and TVs.
FEATURES
• Low VCE(sat):
VCE(sat)1 = 33 mV TYP. @IC = 100 mA, IB = 10 mA
VCE(sat)2 = 150 mV TYP. @IC = 500 mA, IB = 20 mA
• High hFE and high current
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor
Devices” (Document No. C11531E) published by NEC
Corporation to know the specification of quality grade on the
devices and its recommended applications.
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
16
V
Collector to emitter voltage
VCEO
16
V
Emitter to base voltage
VEBO
5
V
Collector current (DC)
ID(DC)
500
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrode connection
1. Emitter (E)
2. Base (B)
3. Collector (C)
Marking: D46


Similar Part No. - 2SD2230

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
logo
Renesas Technology Corp
2SD2230 RENESAS-2SD2230 Datasheet
244Kb / 8P
SILICON POWER TRANSISTOR
2002
More results

Similar Description - 2SD2230

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1221 NEC-2SA1221 Datasheet
85Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD415 NEC-2SD415 Datasheet
134Kb / 4P
PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD1588 NEC-2SD1588 Datasheet
102Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2161 NEC-2SD2161 Datasheet
130Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2162 NEC-2SD2162 Datasheet
112Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2164 NEC-2SD2164 Datasheet
128Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2402 NEC-2SD2402 Datasheet
103Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
Renesas Technology Corp
2SD1581 RENESAS-2SD1581_15 Datasheet
228Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD1582 RENESAS-2SD1582_15 Datasheet
229Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
2SD2425 RENESAS-2SD2425_15 Datasheet
249Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com