Electronic Components Datasheet Search
  English  ▼

X  

TSH344I Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH344I
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344I Datasheet(HTML) 2 Page - STMicroelectronics

  TSH344I Datasheet HTML 1Page - STMicroelectronics TSH344I Datasheet HTML 2Page - STMicroelectronics TSH344I Datasheet HTML 3Page - STMicroelectronics TSH344I Datasheet HTML 4Page - STMicroelectronics TSH344I Datasheet HTML 5Page - STMicroelectronics TSH344I Datasheet HTML 6Page - STMicroelectronics TSH344I Datasheet HTML 7Page - STMicroelectronics TSH344I Datasheet HTML 8Page - STMicroelectronics TSH344I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
TSH344
2/14
Rev. 2
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to network terminal.
6V
Vin
Input Voltage Range (2)
2.
The magnitude of input and output voltage must never exceed VCC +0.3V.
0 to +2
V
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstd
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
SO8 Thermal Resistance Junction to Case
28
°C/W
Rthja
SO8 Thermal Resistance Junction to Ambient Area
157
°C/W
Pmax.
Maximum Power Dissipation (@Ta=25°C) for Tj=150°C
800
mW
ESD
CDM: Charged Device Model
HBM: Human Body Model
MM: Machine Model
2
1.5
200
kV
kV
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage (1)
1.
Tested in full production at 0V/5V single power supply
3 to 5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com