Electronic Components Datasheet Search
  English  ▼

X  

TSH344I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH344I
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344I Datasheet(HTML) 3 Page - STMicroelectronics

  TSH344I Datasheet HTML 1Page - STMicroelectronics TSH344I Datasheet HTML 2Page - STMicroelectronics TSH344I Datasheet HTML 3Page - STMicroelectronics TSH344I Datasheet HTML 4Page - STMicroelectronics TSH344I Datasheet HTML 5Page - STMicroelectronics TSH344I Datasheet HTML 6Page - STMicroelectronics TSH344I Datasheet HTML 7Page - STMicroelectronics TSH344I Datasheet HTML 8Page - STMicroelectronics TSH344I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TSH344
Electrical Characteristics
Rev. 2
3/14
2
Electrical Characteristics
Table 3.
VCC = +5V Single Supply, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC Performance
VOS
Output Offset Voltage(1)
no Load, Tamb
-35
-8
+35
mV
-40°C < Tamb < +85°C
-8.6
Iib
Input Bias Current
Tamb, input to GND
5.5
16
µA
-40°C < Tamb < +85°C
6
Rin
Input Resistance
Tamb
4G
Ω
Cin
Input Capacitance
Tamb
1pF
PSR
Power Supply Rejection Ratio
20 log (
∆V
cc/∆Vout)
input to GND, F=1MHz,
∆V
cc=200mV
-90
dB
ICC
Supply Current per Buffer
no Load, input to GND
10.1
13
mA
-40°C < Tamb < +85°C
10.3
G
DC Voltage Gain
RL = 150
Ω, Vin=1V
1.92
2
2.05
V/V
MG1
Gain Matching between 3 channels
Input = 1V
0.5
2
%
MG0.3
Gain Matching between 3 channels
Input = 0.3V
0.5
2
%
Dynamic Performance and Output Characteristics
Bw
-3dB Bandwidth
Small Signal Vout=20mVp
Vicm=0.6V, RL = 150Ω
190
340
MHz
Gain Flatness @ 0.1dB
Small Signal Vout=20mVp
Vicm=0.6V, RL = 150Ω
65
FPBW
Full Power Bandwidth
Vicm=0.6V, VOUT = 2Vp-p,
RL = 150Ω
130
200
MHz
D
Delay between each channel
0 to 30MHz
0.5
ns
SR
Slew Rate (2)
Vicm=0.6V, VOUT = 2Vp-p,
RL = 150Ω
500
740
V/
µs
VOH
High Level Output Voltage
RL = 150Ω
3.7
3.9
V
VOL
Low Level Output Voltage
RL = 150Ω
40
60
mV
IOUT
Output Current
Vout=2Vp, Tamb
45
93
mA
-40°C < Tamb < +85°C
83
Output Short Circuit Current (Isource)
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com