Electronic Components Datasheet Search
  English  ▼

X  

30V Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 30V
Description  Smaller size saves board space and cost
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

30V Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  30V Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 30V Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 30V Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D. Product Dimensions(mm)
产品尺寸
产品尺寸
产品尺寸
产品尺寸(图1为直引线型 图2为弯引线型)
Product
model
A
B
C
D
E
引线直径
Max
Max
Typ
Min
Max
Unit
:mm
30V-050
7.4
12.2
5.1
7.6
3.0
0.6+0.05
30V-075
7.4
12.2
5.1
7.6
3.0
0.6+0.05
30V-090
7.4
12.2
5.1
7.6
3.0
0.6+0.05
30V-110
7.4
14.2
5.1
7.6
3.0
0.6+0.05
30V-135
8.9
13.5
5.1
7.6
3.0
0.6+0.05
30V-160
8.9
15.2
5.1
7.6
3.0
0.6+0.05
30V-185
10.2
15.7
5.1
7.6
3.0
0.6+0.05
30V-200
10.2
15.2
5.1
7.6
3.0
0.6+0.05
30V-250
11.4
18.3
5.1
7.6
3.0
0.6+0.05
30V-300
11.4
17.3
5.1
7.6
3.0
0.8+0.05
30V-400
14.0
20.1
5.1
7.6
3.0
0.8+0.05
30V-500
14.0
24.9
10.2
7.6
3.0
0.8+0.05
30V-600
18.0
24.9
10.2
7.6
3.0
0.8+0.05
30V-700
19.1
26.7
10.2
7.6
3.0
0.8+0.05
30V-800
21.6
29.2
10.2
7.6
3.0
0.8+0.05
30V-900
24.1
29.7
10.2
7.6
3.0
0.8+0.05
E. Electrical Characteristics
电气参数
电气参数
电气参数
电气参数
Products
model
IH
IT
IMAX
VMAX
Trip
Pdtyp
Rmin
Rmax
(A)
(A)
(A)
(V)
(A)
(S)
(W)
(Ω)
(Ω)
30V-050
0.50
1.00
40
30
2.50
4.8
0.6
0.180
0.220
30V-075
0.75
1.50
40
30
3.50
5.2
0.6
0.070
0.120
30V-090
0.90
1.80
40
30
4.50
5.9
0.6
0.070
0.12
30V-110
1.10
2.20
40
30
5.58
6.6
0.7
0.050
0.10
30V-135
1.35
2.70
40
30
6.75
7.3
0.8
0.040
0.08
30V-160
1.60
3.20
40
30
8.00
8.0
0.9
0.030
0.07
30V-185
1.85
3.70
40
30
9.25
8.7
1.0
0.030
0.06
30V-200
2.00
4.00
40
30
10.0
9.5
1.2
0.040
0.01
30V-250
2.50
5.00
40
30
12.50
10.3
1.2
0.020
0.04
30V-300
3.00
6.00
40
30
15.00
10.8
2.0
0.020
0.05
30V-400
4.00
8.00
40
30
20.00
12.7
2.5
0.010
0.03
30V-500
5.00
10.00
40
30
25.00
14.5
3.0
0.010
0.03
30V-600
6.00
12.00
40
30
30.00
16.0
3.5
0.005
0.02
30V-700
7.00
14.00
40
30
35.00
17.5
3.8
0.005
0.02
30V-800
8.00
16.00
40
30
40.00
18.8
4.0
0.005
0.02
30V-900
9.00
18.00
40
30
45.00
20.0
4.2
0.005
0.01
Series
30V
Rev :
www.leiditech.com
01.06.2015
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com